Electronic Components Datasheet Search
  English  ▼

X  

2SC5594 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5594
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5594 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5594 Datasheet HTML 1Page - Renesas Technology Corp 2SC5594 Datasheet HTML 2Page - Renesas Technology Corp 2SC5594 Datasheet HTML 3Page - Renesas Technology Corp 2SC5594 Datasheet HTML 4Page - Renesas Technology Corp 2SC5594 Datasheet HTML 5Page - Renesas Technology Corp 2SC5594 Datasheet HTML 6Page - Renesas Technology Corp 2SC5594 Datasheet HTML 7Page - Renesas Technology Corp 2SC5594 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5594
Rev.2.00 Aug 10, 2005 page 6 of 7
Sparameter
(VCE = 2 V, IC = 20 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.577
–24.5
40.31
164.2
0.00674
82.9
0.963
–11.5
200
0.560
–49.8
36.64
149.3
0.0130
74.5
0.897
–23.7
300
0.541
–72.2
32.05
136.3
0.0182
68.8
0.803
–34.4
400
0.504
–90.2
27.56
126.5
0.0225
63.6
0.708
–42.4
500
0.495
–104.5
23.84
118.8
0.0256
61.3
0.622
–48.4
600
0.477
–116.9
20.64
113.1
0.0285
58.9
0.548
–53.1
700
0.458
–126.4
18.11
108.4
0.0311
57.7
0.487
–56.2
800
0.456
–134.5
16.13
105.1
0.0336
57.3
0.437
–58.7
900
0.448
–142.5
14.46
101.6
0.0355
57.8
0.394
–60.4
1000
0.435
–147.9
13.15
99.2
0.0382
56.8
0.360
–61.9
1100
0.438
–153.6
12.01
96.6
0.0399
57.4
0.331
–63.0
1200
0.430
–158.5
11.06
94.4
0.0422
57.0
0.306
–63.3
1300
0.425
–162.6
10.24
93.0
0.0443
58.1
0.288
–63.5
1400
0.426
–166.9
9.56
91.1
0.0462
58.3
0.269
–64.0
1500
0.424
–171.1
8.99
89.6
0.0488
58.3
0.253
–64.1
1600
0.425
–174.1
8.45
88.0
0.0508
58.5
0.241
–64.1
1700
0.428
–177.4
7.98
86.6
0.0527
58.8
0.230
–64.0
1800
0.424
179.7
7.59
85.0
0.0556
58.8
0.220
–64.0
1900
0.426
176.6
7.19
83.8
0.0578
59.0
0.212
–63.9
2000
0.428
174.7
6.84
82.4
0.0595
58.8
0.204
–63.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com