Electronic Components Datasheet Search
  English  ▼

X  

M306V2EEFS Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 60Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 61Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 62Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 63Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 64Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 65Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 66Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 67Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 64 of 269
M306V2ME-XXXFP, M306V2EEFP
2.7.18 Address Match Interrupt
An address match interrupt is generated when the address match interrupt address register contents
match the program counter value. Two address match interrupts can be set, each of which can be
enabled and disabled by an address match interrupt enable bit. Address match interrupts are not af-
fected by the interrupt enable flag (I flag) and processor interrupt priority level (IPL). The value of the
program counter (PC) for an address match interrupt varies depending on the instruction being executed.
Figures 2.7.12 and 2.7.13 show the address match interrupt-related registers.
Bit name
Bit symbol
Symbol
Address
When reset
AIER
000916
XXXXXX002
Address match interrupt enable register
Function
W
R
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
Symbol
Address
When reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be indeterminated.
b7
b6
b5
b4
b3
b2
b1
b0
W
R
Address setting register for address match interrupt
Function
Values that can be set
Address match interrupt register i (i = 0, 1)
0000016 to FFFFF16
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be indeterminated.
0 : Interrupt disabled
1 : Interrupt enabled
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
Figure 2.7.13 Address match interrupt register i (i = 0, 1)
Figure 2.7.12 Address match interrupt enable register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com