Electronic Components Datasheet Search
  English  ▼

X  

CR2AM Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CR2AM
Description  LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR2AM Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CR2AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR2AM
LOW POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
5.0
3.5
1.5
1.0
0.5
4.5
4.0
3.0
2.5
2.0
0
3.2
0
0.8
1.6
2.4 2.8
0.4
1.2
2.0
θ = 30° 60°
120°
90°
180°
θ θ
360°
RESISTIVE LOADS
160
120
60
40
20
140
100
80
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ = 30°
60°
120°
90°
180°
θ θ
360°
WITHOUT FIN
RESISTIVE
LOADS
NATURAL
CONVECTION
160
120
60
40
20
140
100
80
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ = 30°
60°
120°
90°
180°
WITHOUT FIN
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
160
120
60
40
20
140
100
80
0
3.2
0
0.8
1.6
2.4 2.8
0.4
1.2
2.0
θ = 30°
90°
180°
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
50 50 t1.2
ALL FINS ARE
BLACK PAINTED
IRON AND GREASED
160
120
60
40
20
140
100
80
0
3.2
0
0.8
1.6
2.4 2.8
0.4
1.2
2.0
θ = 30°
90°
θ θ
360°
180°
RESISTIVE LOADS
NATURAL
CONVECTION
50 50 t1.2
ALL FINS ARE
BLACK PAINTED
IRON AND GREASED
160
120
60
40
20
140
100
80
0
3.2
0
0.8
1.6
2.4 2.8
0.4
1.2
2.0
θ θ
360°
RESISTIVE
LOADS
θ = 30° 60° 90° 120°180°
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com