Electronic Components Datasheet Search
  English  ▼

X  

2SD1367 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1367
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1367 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1367 Datasheet HTML 1Page - Renesas Technology Corp 2SD1367 Datasheet HTML 2Page - Renesas Technology Corp 2SD1367 Datasheet HTML 3Page - Renesas Technology Corp 2SD1367 Datasheet HTML 4Page - Renesas Technology Corp 2SD1367 Datasheet HTML 5Page - Renesas Technology Corp 2SD1367 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1367
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
1.2
0.8
0.4
Typical Output Characteristics
100
80
20
60
40
02
4
6
8
10
Collector to Emitter Voltage VCE (V)
IB = 0
0.05 mA
0.1
0.2
0.2
0.15
0.25
Typical Output Characteristics
2.0
1.6
0.4
1.2
0.8
0
0.4
0.8
1.2
1.6
2.0
Collector to Emitter Voltage VCE (V)
IB = 0
5 mA
10
20
15
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
1
3
10
30
100
300
1,000
0
0.2
0.4
0.6
0.8
1.0
VCE = 2 V
Ta = 75
°C
25
–25
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
1
3
10
30
100
300
1,000
10
30
100
300
1,000
30,00
10,000
Pusle
VCE = 2 V
Ta = 75
°C 25
–25
Saturation Voltage vs. Collector Current
0.003
0.01
0.03
0.1
0.3
1.0
3.0
Collector Current IC (mA)
3
10
30
100
300
1,000 3,000
VBE (sat)
VCE (sat)
lC = 10 lB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com