Electronic Components Datasheet Search
  English  ▼

X  

2SD1978 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SD1978
Description  Silicon NPN Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1978 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SD1978 Datasheet HTML 1Page - Renesas Technology Corp 2SD1978 Datasheet HTML 2Page - Renesas Technology Corp 2SD1978 Datasheet HTML 3Page - Renesas Technology Corp 2SD1978 Datasheet HTML 4Page - Renesas Technology Corp 2SD1978 Datasheet HTML 5Page - Renesas Technology Corp 2SD1978 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SD1978
Silicon NPN Epitaxial, Darlington
REJ03G0799-0200
(Previous ADE-208-1162)
Rev.2.00
Aug.10.2005
Application
• Low frequency power amplifier
• Complementary pair with 2SB1387
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DC-A
(Package name: TO-92 Mod)
3
2
1
2 k
Ω
(Typ)
0.5 k
Ω
(Typ)
ID
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
120
V
Collector to emitter voltage
VCEO
120
V
Emitter to base voltage
VEBO
7
V
Collector current
IC
1.5
A
Collector peak current
ic (peak)
3.0
A
Collector power dissipation
PC
0.9
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
E to C diode forward current
ID
1.5
A


Similar Part No. - 2SD1978

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SD1978

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1470 RENESAS-2SD1470 Datasheet
193Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com