Electronic Components Datasheet Search
  English  ▼

X  

2SJ76 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ76
Description  Silicon P Channel MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ76 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ76 Datasheet HTML 1Page - Renesas Technology Corp 2SJ76 Datasheet HTML 2Page - Renesas Technology Corp 2SJ76 Datasheet HTML 3Page - Renesas Technology Corp 2SJ76 Datasheet HTML 4Page - Renesas Technology Corp 2SJ76 Datasheet HTML 5Page - Renesas Technology Corp 2SJ76 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ76, 2SJ77, 2SJ78, 2SJ79
Rev.2.00 Sep 07, 2005 page 3 of 5
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–50
0
–10
–20
–30
–40
0
–20
–40
–60
–80
–100
–500
0
–100
–200
–300
–400
0
–1–2–3–4–5
75°C
Tc = 25°C
25°C
Tc = –25°C
60
0
20
40
050
100
150
VDS = –20 V
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
VGS = –0.1 V
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–100
0
–20
–40
–60
–80
0
–0.4
–0.8
–1.2
–1.6
–2.0
Tc = –25°C
VDS = –20 V
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
–500
0
–100
–200
–300
–400
0
–4
–8
–12
–16
–20
Tc = 25°C
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
VGS = –0.5 V
25°C
75°C
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (mA)
200
100
20
50
10
2
5
–2
–5
–10
–20
–50 –100 –200
Tc = 25°C
VDS = –20 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com