Electronic Components Datasheet Search
  English  ▼

X  

STB150NF55 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB150NF55
Description  N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB150NF55 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB150NF55_06 Datasheet HTML 6Page - STMicroelectronics STB150NF55_06 Datasheet HTML 7Page - STMicroelectronics STB150NF55_06 Datasheet HTML 8Page - STMicroelectronics STB150NF55_06 Datasheet HTML 9Page - STMicroelectronics STB150NF55_06 Datasheet HTML 10Page - STMicroelectronics STB150NF55_06 Datasheet HTML 11Page - STMicroelectronics STB150NF55_06 Datasheet HTML 12Page - STMicroelectronics STB150NF55_06 Datasheet HTML 13Page - STMicroelectronics STB150NF55_06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Spice thermal model
STB150NF55 - STP150NF55 - STW150NF55
10/19
3
Spice thermal model
Table 6.
Parameters
Parameter
Node
Value
CTHERM1
5 - 4
0.011
CTHERM2
4 - 3
0.0012
CTHERM3
3 - 2
0.05
CTHERM4
2 - 1
0.1
RTHERM1
5 - 4
0.09
RTHERM2
4 - 3
0.02
RTHERM3
3 - 2
0.11
RTHERM4
2 - 1
0.17
Figure 18.
Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com