Electronic Components Datasheet Search
  English  ▼

X  

2SJ162 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SJ162
Description  Silicon P Channel MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ162 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SJ162 Datasheet HTML 1Page - Renesas Technology Corp 2SJ162 Datasheet HTML 2Page - Renesas Technology Corp 2SJ162 Datasheet HTML 3Page - Renesas Technology Corp 2SJ162 Datasheet HTML 4Page - Renesas Technology Corp 2SJ162 Datasheet HTML 5Page - Renesas Technology Corp 2SJ162 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ160, 2SJ161, 2SJ162
Rev.2.00 Sep 07, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
2SJ160
–120
2SJ161
–140
Drain to source voltage
2SJ162
VDSX
–160
V
Gate to source voltage
VGSS
±15
V
Drain current
ID
–7
A
Body to drain diode reverse drain current
IDR
–7
A
Channel dissipation
Pch
Note 1
100
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at Tc = 25
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
2SJ160
–120
—
—
V
2SJ161
–140
—
—
V
Drain to source breakdown
voltage
2SJ162
V (BR) DSX
–160
—
—
V
ID = –10 mA, VGS = 10 V
Gate to source breakdown voltage
V (BR) GSS
±15
—
—
V
IG =
±100 µA, VDS = 0
Gate to source cutoff voltage
VGS (off)
–0.15
—
–1.45
V
ID = –100 mA, VDS = –10 V
Drain to source saturation voltage
VDS (sat)
—
—
–12
V
ID = –7 A, VGS = 0
Note 2
Forward transfer admittance
|yfs|
0.7
1.0
1.4
S
ID = –3 A, VDS = –10 V
Note 2
Input capacitance
Ciss
—
900
—
pF
Output capacitance
Coss
—
400
—
pF
Reverse transfer capacitance
Crss
—
40
—
pF
VGS = 5 V, VDS = –10 V,
f = 1 MHz
Turn-on time
ton
—
230
—
ns
Turn-off time
toff
—
110
—
ns
VDD = –20 V ID = –4 A
Note:
2. Pulse test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com