Electronic Components Datasheet Search
  English  ▼

X  

2SJ451 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SJ451
Description  Silicon P Channel MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ451 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SJ451 Datasheet HTML 1Page - Renesas Technology Corp 2SJ451 Datasheet HTML 2Page - Renesas Technology Corp 2SJ451 Datasheet HTML 3Page - Renesas Technology Corp 2SJ451 Datasheet HTML 4Page - Renesas Technology Corp 2SJ451 Datasheet HTML 5Page - Renesas Technology Corp 2SJ451 Datasheet HTML 6Page - Renesas Technology Corp 2SJ451 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G864-0400 Rev.4.00 Sep 07, 2007
Page 1 of 6
2SJ451
Silicon P Channel MOS FET
REJ03G0864-0400
Rev.4.00
Sep 07, 2007
Description
Low frequency power switching
Features
• Low on-resistance.
• Low drive power
• 2.5 V gate drive device.
• Small package (MPAK).
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
D
S
G
1
2
3
Note: Marking is “ZK–”.
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
–20
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
–0.2
A
Drain peak current
ID (pulse)
Note 1
–0.4
A
Channel dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%


Similar Part No. - 2SJ451

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ451 HITACHI-2SJ451 Datasheet
40Kb / 8P
Silicon P-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ451ZK-TL-E VBSEMI-2SJ451ZK-TL-E Datasheet
980Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SJ451

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ547 RENESAS-2SJ547 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ553 RENESAS-2SJ553 Datasheet
96Kb / 9P
Silicon P Channel MOS FET
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
Silicon P Channel MOS FET
2SJ505 RENESAS-2SJ505 Datasheet
97Kb / 9P
Silicon P Channel MOS FET
2SJ533 RENESAS-2SJ533 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ534 RENESAS-2SJ534 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com