Electronic Components Datasheet Search
  English  ▼

X  

M38268ECFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38268ECFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38268ECFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38268ECFP Datasheet HTML 1Page - Renesas Technology Corp M38268ECFP Datasheet HTML 2Page - Renesas Technology Corp M38268ECFP Datasheet HTML 3Page - Renesas Technology Corp M38268ECFP Datasheet HTML 4Page - Renesas Technology Corp M38268ECFP Datasheet HTML 5Page - Renesas Technology Corp M38268ECFP Datasheet HTML 6Page - Renesas Technology Corp M38268ECFP Datasheet HTML 7Page - Renesas Technology Corp M38268ECFP Datasheet HTML 8Page - Renesas Technology Corp M38268ECFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 2 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Package type : PLQP0100KB-A (100P6Q-A)
PIN CONFIGURATION (TOP VIEW)
Fig. 2 Pin configuration (Package type: PLQP0100KB-A)
123456789 10 11 12 13 14 15 16171819202122232425
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
00
1
M3826AEFGP
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
VCC
VREF
AVSS
COM3
COM2
COM1
COM0
VL3
VL2
C2
C1
VL1
P72
P73
P71
P70/INT0
XCIN
XCOUT
XIN
XOU
T
VSS
P27
P26
P25
P24
P23
P21
P16
P22
P20
P17
RESET
P76
P75
P74
P15/SEG39
P14/SEG38
Package type : PRQP0100JB-A (100P6S-A)
Fig. 1 Pin configuration (Package type: PRQP0100JB-A)
12
34 5
6
7
8
9 10 11 1213141516171819 2021 2223242526272829 30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
M3826AEFFP
SEG9
C2
VL2
VL3
COM0
COM1
COM2
VREF
AVSS
VCC
SEG8
SEG0
SEG1
SEG2
SEG4
SEG5
SEG6
SEG7
SEG3
P72
P73
P71
P70/INT0
XCIN
XCOUT
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P21
P16
P22
P20
P17
RESET
COM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com