Electronic Components Datasheet Search
  English  ▼

X  

RNA51953B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RNA51953B
Description  Voltage Detecting, System Resetting IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953B Datasheet(HTML) 1 Page - Renesas Technology Corp

  RNA51953B Datasheet HTML 1Page - Renesas Technology Corp RNA51953B Datasheet HTML 2Page - Renesas Technology Corp RNA51953B Datasheet HTML 3Page - Renesas Technology Corp RNA51953B Datasheet HTML 4Page - Renesas Technology Corp RNA51953B Datasheet HTML 5Page - Renesas Technology Corp RNA51953B Datasheet HTML 6Page - Renesas Technology Corp RNA51953B Datasheet HTML 7Page - Renesas Technology Corp RNA51953B Datasheet HTML 8Page - Renesas Technology Corp RNA51953B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03D0911-0100 Rev.1.00 Oct 10, 2008
Page 1 of 9
RNA51953A,B
Voltage Detecting, System Resetting IC Series
REJ03D0911-0100
Rev.1.00
Oct 10, 2008
Description
RNA51953A,B are semiconductor integrated circuits designed for detecting supply voltage and resetting all types
of logic circuits such as CPUs.
They include a built-in delay circuit to provide the desired retardation time simply by adding an external capacitor.
They fined extensive applications, including battery checking circuit, level detecting circuit and waveform shaping
circuit.
Features
• Few external parts
• Large delay time with a capacitor of small capacitance (td ≈ 100 ms, at 0.33 µF)
• Low threshold operating voltage (Supply voltage to keep low-state at low supply voltage):
0.6 V (Typ) at RL = 22 kΩ
• Wide supply voltage range: 2 V to 17 V
• Wide application range
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RNA51953AFPH0
SOP-8 pin
PRSP0008DE-C
FP
H (2,500 pcs / Reel)
0 (Ni/Pd/Au)
RNA51953BFPH0
SOP-8 pin
PRSP0008DE-C
FP
H (2,500 pcs / Reel)
0 (Ni/Pd/Au)
Application
• Reset circuit of Pch, Nch, CMOS, microcomputer, CPU and MCU, Reset of logic circuit, Battery check circuit,
switching circuit back-up voltage, level detecting circuit, waveform shaping circuit, delay waveform generating
circuit, DC/DC converter, over voltage protection circuit
Recommended Operating Condition
• Supply voltage range: 2 V to 17 V
Outline and Article Indication
• RNA51953A, B
Y : Year Code
(the last digit of year)
M : Month Code
W : Week Code
C : Control Code
Lot No.
Trace Code
Pin No.1
SOP-8
R 9 5 3 B
YMWC
CCC
Type No.
R 9 5 3 A
YMWC
CCC


Similar Part No. - RNA51953B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51953B RENESAS-RNA51953B Datasheet
115Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51953BFPH0 RENESAS-RNA51953BFPH0 Datasheet
115Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51953BFPH0 RENESAS-RNA51953BFPH0 Datasheet
135Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51953BPT0 RENESAS-RNA51953BPT0 Datasheet
115Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51953BPT0 RENESAS-RNA51953BPT0 Datasheet
135Kb / 11P
Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51953B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
VOLTAGE DETECTING,SYSTEM RESETTING IC
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com