Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R8C/14
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 32Page - Renesas Technology Corp R8C/14 Datasheet HTML 33Page - Renesas Technology Corp R8C/14 Datasheet HTML 34Page - Renesas Technology Corp R8C/14 Datasheet HTML 35Page - Renesas Technology Corp R8C/14 Datasheet HTML 36Page - Renesas Technology Corp R8C/14 Datasheet HTML 37Page - Renesas Technology Corp R8C/14 Datasheet HTML 38Page - Renesas Technology Corp R8C/14 Datasheet HTML 39Page - Renesas Technology Corp R8C/14 Datasheet HTML 40Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
A - 1
REVISION HISTORY
R8C/14 Group, R8C/15 Group Datasheet
Rev.
Date
Description
Page
Summary
0.10
Sep 06, 2004
−
First Edition issued
1.00
Feb 25, 2005
2-3
Tables 1.1 and 1.2 revised
5
Table 1.3 and figure 1.2 revised
6
Table 1.4 and figure 1.3 revised
7-8
Figures 1.4 and 1.5 revised
16
Table 4.1 revised:
- 000Fh: 000XXXXXb
→ 00011111b
- 0036h: 00001000b
→ 0000X000b and 01001001b → 0100X001b
18
Tabel 4.3 revised:
- 009Ch: FFh
→ 00h; NOTES2 added
- 009Dh: FFh
→ 00h
- 00BCh: 10000000b
→ 00h
21
Table 5.3 revised
22
Tables 5.4 and 5.5 revised
24
Tables 5.8 and 5.9 revised
25
Table 5.11 revised; Table 5.12 added
26-28 Figures 5.4 to 5.6 added
29
Table 5.13 revised
30
Table 5.14 revised
31, 35 Table 5.16 and 5.23 revised: Table title “INT2”
→ “INT1”
33
Table 5.20 revised; NOTE revised
34
Table 5.21 revised
37
Package Dimensions revised
1.10
Jul 07, 2005
5, 6
Tables 1.3 and 1.4 revised
16
Table 4.1 revised:
- 0009h: XXXXXX00b
→ 00h
- 000Ah: 00XXX000b
→ 00h
- 001Eh: XXXXX000b
→ 00h
22
Table 5.5 revised; NOTE revised
26
Figure 5.4 revised
27
Figure 5.5 revised
29
Table 5.13 revised
33
Table 5.20 revised
2.00
Jan 30, 2006
1
1. Overview; “20-pin plastic molded LSSOP or SDIP”
→ “20-pin plastic
molded LSSOP” revised
2
Table 1.1 Performance Outline of the R8C/14 Group;
Package:
“20-pin plastic molded SDIP” deleted
3
Table 1.2 Performance Outline of the R8C/15 Group;
Package:
“20-pin plastic molded SDIP” deleted,
Flash Memory:
(Data area)
→ (Data flash)
(Program area)
→ (Program ROM) revised
4
Figure 1.1 Block Diagram;
“Peripheral Function” added,
“System Clock Generation”
→ “System Clock Generator” revised
5, 6
Table 1.3 Product Information of R8C/14 Group,
Table 1.4 Product Information of R8C/15 Group; revised.
Figure 1.2 Part Number, Memory Size and Package of R8C/14 Group,
Figure 1.3 Part Number, Memory Size and Package of R8C/15 Group;
Package type: “DD : PRDP0020BA-A” deleted
REVISION HISTORY
R8C/14 Group, R8C/15 Group Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com