Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C/17
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 30Page - Renesas Technology Corp R8C/17 Datasheet HTML 31Page - Renesas Technology Corp R8C/17 Datasheet HTML 32Page - Renesas Technology Corp R8C/17 Datasheet HTML 33Page - Renesas Technology Corp R8C/17 Datasheet HTML 34Page - Renesas Technology Corp R8C/17 Datasheet HTML 35Page - Renesas Technology Corp R8C/17 Datasheet HTML 36Page - Renesas Technology Corp R8C/17 Datasheet HTML 37Page - Renesas Technology Corp R8C/17 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
A - 2
REVISION HISTORY
R8C/16 Group, R8C/17 Group Datasheet
2.00
Jan 30, 2006
8
Figure 1.5 PRDP0020BA-A Package Pin Assignment (top view) deleted
Table 1.5 Pin Description;
Timer C:
“CMP0_0 to CMP0_3, CMP1_0 to CMP1_3”
→
“CMP0_0 to CMP0_2, CMP1_0 to CMP1_2” revised
10
Figure 2.1 CPU Register;
“Reserved Area”
→ “Reserved Bit” revised
12
2.8.10 Reserved Area;
“Reserved Area”
→ “Reserved Bit” revised
13
Figure 3.1 Memory Map of R8C/16 Group revised
14
3.2 R8C/17 Group;
(program area)
→ (program ROM), (data area) → (data flash) revised
Figure 3.2 Memory Map of R8C/17 Group revised
17
Table 4.3 SFR Information(3);
0085h:
“Prescaler Z”
→ “Prescaler Z Register”
0086h:
“Timer Z Secondary”
→ “Timer Z Secondary Register”
0087h:
“Timer Z Primary”
→ “Timer Z Primary Register”
008Ch:
“Prescaler X”
→ “Prescaler X Register”
008Dh:
“Timer X”
→ “Timer X Register”
0090h, 0091h: “Timer C”
→ “Timer C Register” revised
21
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
• NOTES 1 to 7 added
•“Topr”
→ “Ambient temperature”, “(Program area)” → “(Program ROM)”
revised
22
Table 5.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics;
• NOTE1 revised, NOTE9 added
•“Topr”
→ “Ambient temperature”, “(Program area)” → “(Program ROM)”
revised
23
Figure 5.2 Time delay from Suspend Request until Erase Suspend revised
Table 5.7 Voltage Detection 2 Circuit Electrical Characteristics; NOTE1
revised
24
Table 5.8 Reset Circuit Electrical Characteristics (When Using Voltage
Monitor 1 Reset ); NOTE2 revised
Table 5.9 Reset Circuit Electrical Characteristics (When Not Using Voltage
Monitor 1 Reset); NOTE1 revised
25
Table 5.10 High-speed On-Chip Oscillator Circuit Electrical Characteristics
revised
26
Table 5.12 Timing Requirements of I2C bus Interface (IIC); NOTE1 revised
28
Table 5.14 Electrical Characteristics (2) [Vcc = 5V] revised
29
“Timing Requirements (Unless ... at Ta = 25
°C) [ VCC = 5V ]” →
“Timing Requirements (Unless ... at Topr = 25
°C) [ VCC = 5V ]” revised
Table 5.18 Serial Interface; “35”
→ “50”, “80” → “50”
32
Table 5.21 Electrical Characteristics (4) [Vcc = 3V] revised
33
“Timing requirements (Unless ... at Ta = 25
°C) [VCC = 3V]” →
“Timing requirements (Unless ... at Topr = 25
°C) [VCC = 3V]” revised
Table 5.25 Serial Interface; “55”
→ “70”, “160” → “70”
35
Package Dimensions; Package “PRDP0020BA-A” deleted
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com