Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C/19
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 33Page - Renesas Technology Corp R8C/19 Datasheet HTML 34Page - Renesas Technology Corp R8C/19 Datasheet HTML 35Page - Renesas Technology Corp R8C/19 Datasheet HTML 36Page - Renesas Technology Corp R8C/19 Datasheet HTML 37Page - Renesas Technology Corp R8C/19 Datasheet HTML 38Page - Renesas Technology Corp R8C/19 Datasheet HTML 39Page - Renesas Technology Corp R8C/19 Datasheet HTML 40Page - Renesas Technology Corp R8C/19 Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
A - 2
REVISION HISTORY
R8C/18 Group, R8C/19 Group Datasheet
1.20
Nov 01, 2005
16
Table 4.1 SFR Information(1);
0009h: “XXXXXX00b”
→ “00h”
000Ah: “00XXX000b”
→ “00h”
001Eh: “XXXXX000b”
→ “00h” revised
18
Table 4.3 SFR Information(3);
0085h:
“Prescaler Z”
→ “Prescaler Z Register”
0086h:
“Timer Z Secondary”
→ “Timer Z Secondary Register”
0087h:
“Timer Z Primary”
→ “Timer Z Primary Register”
008Ch:
“Prescaler X”
→ “Prescaler X Register”
008Dh:
“Timer X”
→ “Timer X Register”
0090h, 0091h: “Timer C”
→ “Timer C Register” revised
22
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
NOTES 3 and 5 revised, NOTE8 deleted
23
Table 5.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics; NOTES 1 and 3 revised
25
Table 5.8 Reset Circuit Electrical Characteristics (When Using Voltage
Monitor 1 Reset); NOTE 2 revised
26
Table 5.10 High-speed On-Chip Oscillator Circuit Electrical
Characteristics;
“High-Speed On-Chip Oscillator ...”
→
“High-Speed On-Chip Oscillator Frequency ...” revised
NOTE 2, 3 added
28
Table 5.13 Electrical Characteristics (2) [Vcc = 5V];
NOTE 1 deleted
32
Table 5.20 Electrical Characteristics (4) [Vcc = 3V];
NOTE 1 deleted
1.30
Dec 16, 2005
−
Products of PWQN0028KA-B package included
5, 6
Table 1.3, Table 1.4 revised
24
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
Ta
→ Ambient temperature
25
Table 5.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics; Ta
→ Ambient temperature
30, 34 Table 5.13, Table 5.20; The title revised, Condition of Stop Mode added
32, 36 Table 5.17, Table 5.24; td(C-Q) and tsu(D-C) revised
37, 38 Package Dimensions revised
1.40
Apr 14, 2006
2, 3
Table 1.1, Table 1.2;
Interrupts: Internal 8
→ 10 sources,
5, 6
Table 1.3, Table 1.4; Type No. added, deleted
16, 17 Figure 3.1, Figure 3.2; Part Number added, deleted
24, 25 Table 5.4, Table 5.5;
Conditions: VCC = 5.0 V at Topr = 25
°C deleted
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com