Electronic Components Datasheet Search
  English  ▼

X  

2SJ540 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SJ540
Description  Silicon P Channel MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ540 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SJ540 Datasheet HTML 1Page - Renesas Technology Corp 2SJ540 Datasheet HTML 2Page - Renesas Technology Corp 2SJ540 Datasheet HTML 3Page - Renesas Technology Corp 2SJ540 Datasheet HTML 4Page - Renesas Technology Corp 2SJ540 Datasheet HTML 5Page - Renesas Technology Corp 2SJ540 Datasheet HTML 6Page - Renesas Technology Corp 2SJ540 Datasheet HTML 7Page - Renesas Technology Corp 2SJ540 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SJ540
Rev.4.00 Jun 05, 2006 page 7 of 7
Package Dimensions
0.5 ± 0.1
2.54 ± 0.5
0.76 ± 0.1
10.16 ± 0.2
2.54 ± 0.5
1.26 ± 0.15
4.44 ± 0.2
2.7 Max
1.5 Max
11.5 Max
9.5
8.0
φ 3.6
+0.1
–0.08
Previous Code
PRSS0004AC-A
TO-220AB / TO-220ABV
MASS[Typ.]
1.8g
SC-46
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
TO-220AB
Ordering Information
Part Name
Quantity
Shipping Container
2SJ540-E
500 pcs
Box (Sack)
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com