Electronic Components Datasheet Search
  English  ▼

X  

2SJ545 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SJ545
Description  Silicon P Channel MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ545 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SJ545 Datasheet HTML 1Page - Renesas Technology Corp 2SJ545 Datasheet HTML 2Page - Renesas Technology Corp 2SJ545 Datasheet HTML 3Page - Renesas Technology Corp 2SJ545 Datasheet HTML 4Page - Renesas Technology Corp 2SJ545 Datasheet HTML 5Page - Renesas Technology Corp 2SJ545 Datasheet HTML 6Page - Renesas Technology Corp 2SJ545 Datasheet HTML 7Page - Renesas Technology Corp 2SJ545 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00 Jun 05, 2006 page 1 of 7
2SJ545
Silicon P Channel MOS FET
REJ03G0892-0400
Rev.4.00
Jun 05, 2006
Description
High speed power switching
Features
• Low on-resistance
RDS (on) = 0.11
Ω typ.
• Low drive current
• 4 V gate drive devices
• High speed switching
Outline
RENESAS Package code: PRSS0003AE-A
(Package name: TO-220C•FM)
1. Gate
2. Drain
3. Source
D
G
S
1 2
3


Similar Part No. - 2SJ545

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ545 HITACHI-2SJ545 Datasheet
52Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SJ545 ISC-2SJ545 Datasheet
296Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - 2SJ545

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ547 RENESAS-2SJ547 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ553 RENESAS-2SJ553 Datasheet
96Kb / 9P
Silicon P Channel MOS FET
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
Silicon P Channel MOS FET
2SJ505 RENESAS-2SJ505 Datasheet
97Kb / 9P
Silicon P Channel MOS FET
2SJ533 RENESAS-2SJ533 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ534 RENESAS-2SJ534 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com