Electronic Components Datasheet Search
  English  ▼

X  

HD74HC4052 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC4052
Description  Dual 4-channel Analog Multiplexers/Demultiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4052 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC4052 Datasheet HTML 3Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 4Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 5Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 6Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 7Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 8Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 9Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 10Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74HC4052, HD74HC4053
Rev.2.00 Mar 30, 2006 page 7 of 11
Feed through Attenuation
VCC
fin
Rin =
600
Ω
RL =
600
Ω
CL =
50 pF
VCC
(OFF)
Vin
0.1
µF
Vout
VCC/2
VCC/2
GND
VEE
Vin
(Sine Wave)
(Vin = 0 dBm, f = 1 MHz)
Sine Wave Distortion
VCC
fin
RL =
10 k
Ω
CL =
50 pF
VCC
(ON)
Vin
10
µF
Vout
VCC/2
GND
VEE
Vin
(Sine Wave)
(Vin = 4 Vp-p, f = 1 kHz)
Cin, Cout, Cin–out (Input, Output, and Feed through Capacitance)
5 V
Input Pin
Commom Pin
VCC
(OFF)
Cin
Cout
Cin-out
VEE
GND
Frequency Response Channel ON
VCC
fin
RL =
50
Ω
CL =
10 pF
VCC
(ON)
Vin
0.1
µF
Vout
VCC/2
GND
VEE
fin
(Sine Wave)
(Vout = 0 dBm, f = 1 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com