Electronic Components Datasheet Search
  English  ▼

X  

M38261EBGP Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M38261EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EBGP Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M38261EBGP Datasheet HTML 83Page - Renesas Technology Corp M38261EBGP Datasheet HTML 84Page - Renesas Technology Corp M38261EBGP Datasheet HTML 85Page - Renesas Technology Corp M38261EBGP Datasheet HTML 86Page - Renesas Technology Corp M38261EBGP Datasheet HTML 87Page - Renesas Technology Corp M38261EBGP Datasheet HTML 88Page - Renesas Technology Corp M38261EBGP Datasheet HTML 89Page - Renesas Technology Corp M38261EBGP Datasheet HTML 90Page - Renesas Technology Corp M38261EBGP Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
3826 Group (One Time PROM version) Datasheet
A - 1
1.00 Sep 06, 2006
First edition issued
This datasheet describes only 3826 Group One Time PROM version (60K version
of ROM).
The change point from past 3826 Group datasheet (MEJ02B0083-0102Z) is de-
scribed to the revision history as your information though it is a first edition.
Improvement term union of sentence expressions.
Terms are united. (Union terms: A/D converter, D/A converter, serial interface, etc.)
Package type: 100P6S-A → PRQP0100JB-A, 100P6Q-A → PLQP0100KB-A
DESCRIPTION: Revised for One Time PROM and EPROM vertions.
FEATURES: Power source voltage, power dissipation reviced and 10-bit A/D mode
added.
APPLICATIONS: cordless phone, wireless application, household appliances,
added
Fig. 2 and Fig.3 Pin configurations: One Time PROM version name described.
Fig. 4 Part numbering: Description for RAM size added.
Fig. 5 Memory expansion plan: One Time PROM and EPROM versions added.
Table 3 Support products: One Time PROM and EPROM versions added.
Fig. 10 SFR:
001416: Reserved area → AD convertion low-order register (ADL)
003516: AD conversion register (AD) → AD conversion high-order register (ADH)
Fig. 11 Structure of port P0 direction register, port P1 direction register added.
Fig. 12 Structure of port P3 output control register added
Fig. 21 Structure of key input control register added
● Serial I/O2 Operating: added
A/D CONVERTER: AD → ADH, ADL
Fig. 38 Structure of A/D converter-related registers: added.
Fig. 39 Read of AD conversion register: added.
Fig. 40 A/D converter block diagram: AD convertion register → ADL, ADH
Fig. 45 Equivalent connection circuit of D/A converter added.
Fig. 48 Example of circuit at each bias revised.
Fig. 56 Example of reset circuit revised.
Fig. 58 AD conversion low-order register (001416) added.
CLOCK GENERATING CIRCUIT: Underline part changed and ( ) added
A feed-back resistor exists on-chip (An external feed-back resistor may be needed
depending on conditions.). However, an external feed-back resistor is needed be-
tween XCIN and XCOUT since a resistor does not exist between them.
Fig. 59 Oscillator circuit: Rd and note added
Fig. 61 Clock generating circuit block diagram: note 2 added
Fig. 62d State transitions of system clock: revised
–
–
–
–
1
2
6
7
13
14
25
35
38
39
43
46
52
53
54
55
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com