Electronic Components Datasheet Search
  English  ▼

X  

M38263EBGP Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M38263EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263EBGP Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M38263EBGP Datasheet HTML 48Page - Renesas Technology Corp M38263EBGP Datasheet HTML 49Page - Renesas Technology Corp M38263EBGP Datasheet HTML 50Page - Renesas Technology Corp M38263EBGP Datasheet HTML 51Page - Renesas Technology Corp M38263EBGP Datasheet HTML 52Page - Renesas Technology Corp M38263EBGP Datasheet HTML 53Page - Renesas Technology Corp M38263EBGP Datasheet HTML 54Page - Renesas Technology Corp M38263EBGP Datasheet HTML 55Page - Renesas Technology Corp M38263EBGP Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 52 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 56 Example of reset circuit
RESET CIRCUIT
When the power source voltage is within limits, and main clock
XIN-XOUT is stable, or a stabilized clock is input to the XIN pin, if
the RESET pin is held at an “L” level for 2 µs or more, the micro-
computer is in an internal reset state. Then the RESET pin is
returned to an “H” level, reset is released after approximate 8200
cycles of f(XIN), the program in address FFFD16 (high-order byte)
Fig. 57 Reset Sequence
and address FFFC16 (low-order byte). Make sure that the reset in-
put voltage is less than 0.2 VCC(min.) for the power source voltage
of VCC(min.).
*VCC(min.) = Minimum value of power supply voltage limits
applied to VCC pin
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
VCC
RESET
Power on
0.2VCC level
Oscillation stabilized
2 µs
XIN
0V
0V
0V
(Note)
Note: Reset release voltage Vcc = Vcc (min.)
ADL
FFFC
FFFD
ADH,
Undefined
XIN : Approx. 8200 cycles
Note : The frequency of system clock φ is f(XIN) divided by 8.
Reset address from
vector table
RESET
Internal reset
Address
Data
SYNC
System
clock φ
XIN
ADH
ADL
UndefinedUndefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com