Electronic Components Datasheet Search
  English  ▼

X  

M38261E1FS Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M38261E1FS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261E1FS Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M38261E1FS Datasheet HTML 81Page - Renesas Technology Corp M38261E1FS Datasheet HTML 82Page - Renesas Technology Corp M38261E1FS Datasheet HTML 83Page - Renesas Technology Corp M38261E1FS Datasheet HTML 84Page - Renesas Technology Corp M38261E1FS Datasheet HTML 85Page - Renesas Technology Corp M38261E1FS Datasheet HTML 86Page - Renesas Technology Corp M38261E1FS Datasheet HTML 87Page - Renesas Technology Corp M38261E1FS Datasheet HTML 88Page - Renesas Technology Corp M38261E1FS Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 85 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
(6)
Data setting to LCD display RAM
When writing a data into the LCD display RAM during LCD being turned ON (LCD enable bit =
“1”), write the confirmed data. Do not write temporarily on the LCD display RAM because this
might cause the LCD display flickering. Figure 3.3.10 shows the write procedure for LCD display
RAM when LCD is on.
Fig. 3.3.10 Write procedure for LCD display RAM when LCD is on
(1)Right process example
LCD
ON
LCD
ON
or
OFF
•Sets determinate data to LCD display RAM
Sets LCD display RAM data
LRAM0 (Address : 4016) ← “FF16”
LCD display
ON or OFF ?
•Sets turn off data to LCD display RAM
•Sets determinate data to LCD diplay RAM
(2) Error process example
LCD
ON
LCD
ON
or
OFF
LCD
OFF
OFF
OFF
ON
ON
Contents of addres 004016 are “FF16”
LCD display
ON or OFF ?
Sets LCD display RAM data
LRAM0 (Address : 4016) ← “FF16”
Sets LCD display RAM data
LRAM0 (Address : 4016) ← “0016”
Sets LCD display RAM data
LRAM0 (Address : 4016) ← “0016”
Contents of addres 004016 are “FF16”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com