Electronic Components Datasheet Search
  English  ▼

X  

M38264E1FS Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M38264E1FS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264E1FS Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M38264E1FS Datasheet HTML 55Page - Renesas Technology Corp M38264E1FS Datasheet HTML 56Page - Renesas Technology Corp M38264E1FS Datasheet HTML 57Page - Renesas Technology Corp M38264E1FS Datasheet HTML 58Page - Renesas Technology Corp M38264E1FS Datasheet HTML 59Page - Renesas Technology Corp M38264E1FS Datasheet HTML 60Page - Renesas Technology Corp M38264E1FS Datasheet HTML 61Page - Renesas Technology Corp M38264E1FS Datasheet HTML 62Page - Renesas Technology Corp M38264E1FS Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 59 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
(3) Oscillator concerns
In order to obtain the stabilized operation clock on the user system
and its condition, contact the oscillator manufacturer and select
the oscillator and oscillation circuit constants. Be careful espe-
cially when range of voltage or/and temperature is wide.
Also, take care to prevent an oscillator that generates clocks for a
microcomputer operation from being affected by other signals.
➀ Keeping oscillator away from large current signal lines
Install a microcomputer (and especially an oscillator) as far as
possible from signal lines where a current larger than the toler-
ance of current value flows.
● Reason
In the system using a microcomputer, there are signal lines for
controlling motors, LEDs, and thermal heads or others. When a
large current flows through those signal lines, strong noise oc-
curs because of mutual inductance.
➁ Installing oscillator away from signal lines where potential levels
change frequently
Install an oscillator and a connecting pattern of an oscillator
away from signal lines where potential levels change frequently.
Also, do not cross such signal lines over the clock lines or the
signal lines which are sensitive to noise.
● Reason
Signal lines where potential levels change frequently (such as
the CNTR pin signal line) may affect other lines at signal rising
edge or falling edge. If such lines cross over a clock line, clock
waveforms may be deformed, which causes a microcomputer
failure or a program runaway.
➀ Keeping oscillator away from large current signal lines
➁ Installing oscillator away from signal lines where potential
levels change frequently
Fig. 66 Wiring for a large current signal line/Wiring of signal
lines where potential levels change frequently
XIN
XOUT
VSS
Microcomputer
Mutual inductance
Large
current
GND
M
XIN
XOUT
VSS
CNTR
Do not cross
N.G.
Fig. 67 Wiring for the VPP pin of One Time PROM
(4) Analog input
The analog input pin is connected to the capacitor of a compara-
tor. Accordingly, sufficient accuracy may not be obtained by the
charge/discharge current at the time of A/D conversion when the
analog signal source of high-impedance is connected to an analog
input pin. In order to obtain the A/D conversion result stabilized
more, please lower the impedance of an analog signal source, or
add the smoothing capacitor to an analog input pin.
(5) Difference of memory type and size
When Mask ROM and PROM version and memory size differ in
one group, actual values such as an electrical characteristics, A-D
conversion accuracy, and the amount of proof of noise incorrect
operation may differ from the ideal values.
When these products are used switching, perform system evalua-
tion for each product of every after confirming product
specification.
(6) Wiring to VPP pin of One Time PROM version and EPROM version
Connect an approximately 5 kΩ resistor to the VPP pin the shortest
possible in series.
Note: Even when a circuit which included an approximately 5 kΩ
resistor is used in the Mask ROM version, the microcom-
puter operates correctly.
● Reason
The VPP pin of the PROM version is the power source input pin for
the built-in PROM. When programming in the built-in PROM, the
impedance of the VPP pin is low to allow the electric current for
writing flow into the built-in PROM. Because of this, noise can en-
ter easily. If noise enters the VPP pin, abnormal instruction codes
or data are read from the built-in PROM, which may cause a pro-
gram runaway.
P70/VPP
VSS
About 5 kΩ
Source signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com