Electronic Components Datasheet Search
  English  ▼

X  

HD74LS122 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS122
Description  Retriggerable Monostable Multivibrator (with Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS122 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS122 Datasheet HTML 1Page - Renesas Technology Corp HD74LS122 Datasheet HTML 2Page - Renesas Technology Corp HD74LS122 Datasheet HTML 3Page - Renesas Technology Corp HD74LS122 Datasheet HTML 4Page - Renesas Technology Corp HD74LS122 Datasheet HTML 5Page - Renesas Technology Corp HD74LS122 Datasheet HTML 6Page - Renesas Technology Corp HD74LS122 Datasheet HTML 7Page - Renesas Technology Corp HD74LS122 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LS122
Rev.2.00, Feb.18.2005, page 5 of 7
Typical Application Data for HD74LS122
For pulse widths when Cext
≤ 1000 pF, See Figure 3.
The output pulse is primarily a function of the external capacitor and resistor. For Cext > 1000 pF, the output pulse
width (tw) is defined as: tw(out) = K
• R
ext
• C
ext; See Figure 4.
VCC
Rext (k
Ω)
Cext (pF)
tw(out) (ns)
Rext
to Rext/Cext
to Cext
Cext
+
–
Figure 2
Timing Component Connections
10
1
10
100
1,000
100
1,000
10,000
100,000
External capacitance Cext (pF)
Rext = 80k
Ω
40k
Ω
20k
Ω
10k
Ω
5k
Ω
Rext = 160k
Ω
Figure 3
Typical Output Pulse Width (Cext
≤ 1000 pF)
0.5
0
0.4
0.2
0.1
Timing capacitance Cext (pF)
0.3
103 2 3
5 7104 2 3
5 7105 2 3
5 7106 2 3
5 7107
VCC = 5V
Ta = 25°C
Figure 4
Cext vs. K (Cext > 1000 pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com