Electronic Components Datasheet Search
  English  ▼

X  

HRC0203C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HRC0203C
Description  Silicon Schottky Barrier Diode for Rectifying
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRC0203C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HRC0203C Datasheet HTML 1Page - Renesas Technology Corp HRC0203C Datasheet HTML 2Page - Renesas Technology Corp HRC0203C Datasheet HTML 3Page - Renesas Technology Corp HRC0203C Datasheet HTML 4Page - Renesas Technology Corp HRC0203C Datasheet HTML 5Page - Renesas Technology Corp HRC0203C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HRC0203C
Rev.3.00 May 20, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM *
1
30
V
Average rectified current
IO *
1
200
mA
Non-Repetitive peak forward surge current
IFSM *
2
2
A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Notes
: 1. See from Fig.3 to Fig.5, with polyimide board.
2. 10 ms sine wave 1 pulse.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
—
—
0.25
IF = 5 mA
Forward voltage
VF2
—
—
0.45
V
IF = 200 mA
Reverse current
IR
—
—
30
µA
VR = 10 V
Thermal resistance
Rth(j-a)
—
550
—
°C/W
Polyimide board *
1
Note:
1.
Polyimide board
Unit: mm
1.5
20h
×15w×0.8t
1.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com