Electronic Components Datasheet Search
  English  ▼

X  

M65850P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M65850P
Description  Digital Echo (Digital Delay)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65850P Datasheet(HTML) 3 Page - Renesas Technology Corp

  M65850P Datasheet HTML 1Page - Renesas Technology Corp M65850P Datasheet HTML 2Page - Renesas Technology Corp M65850P Datasheet HTML 3Page - Renesas Technology Corp M65850P Datasheet HTML 4Page - Renesas Technology Corp M65850P Datasheet HTML 5Page - Renesas Technology Corp M65850P Datasheet HTML 6Page - Renesas Technology Corp M65850P Datasheet HTML 7Page - Renesas Technology Corp M65850P Datasheet HTML 8Page - Renesas Technology Corp M65850P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M65850P/FP
REJ03F0171-0201 Rev.2.01 Jan 25, 2008
Page 3 of 11
Pin Arrangement
M65850P
M65850FP
LPF1 IN
LPF1 OUT
OP1 OUT
OP1 IN
CC1
CC2
GND
VCC
CLOCK
REF
OP2 IN
OP2 OUT
LPF2 IN
LPF2 OUT
(Top view)
Outline: PRDP0014AA-A (14P4)
NC
LPF1 IN
LPF1 OUT
OP1 OUT
OP1 IN
CC1
CC2
GND
NC
VCC
CLOCK
REF
OP2 IN
LPF2 IN
OP2 OUT
LPF2 OUT
1
1
2
3
4
5
6
7
14
16
15
14
13
12
11
10
9
7
8
6
5
4
3
2
9
10
11
12
13
8
(Top view)
Outline: PRSP0016DE-A (16P2N-A)
Pin Description
Pin No.
P
FP
Symbol
Name
I/O
Function
1
2
LPF1 IN
Low pass filter 1 input
I
2
3
LPF1 OUT
Low pass filter 1 output
O
To form input-side low pass filter by connecting
external capacitor and resistor
3
4
OP1 OUT
Operational amplifier 1 output
O
4
5
OP1 IN
Operational amplifier 1 input
I
To form A/D conversion integrator by connecting
external capacitor
5
6
CC1
Current control 1
—
ADM control of A/D converter
6
7
CC2
Current control 2
—
ADM control of D/A converter
7
8
GND
GND
—
8
9
LPF2 OUT
Low pass filter 2 output
O
9
10
LPF2 IN
Low pass filter 2 input
I
To form input-side low pass filter by connecting
external capacitor and resistor
10
11
OP2 OUT
Operational amplifier 2 output
O
11
12
OP2 IN
Operational amplifier 2 input
I
To form D/A conversion integrator by connecting
external capacitor
12
13
REF
Reference
—
Analog reference voltage
≈ 1/2 V
CC
13
14
CLOCK
Clock generator input
I
To form clock generator by connecting external
resistor
14
15
VCC
Supply voltage
—
To apply 3.5 to 5.5 V power
(Rated voltage: 5 V)
—
1, 16
NC
No connection
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com