Electronic Components Datasheet Search
  English  ▼

X  

M65851FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65851FP
Description  Single Chip Karaoke Processor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65851FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65851FP Datasheet HTML 9Page - Renesas Technology Corp M65851FP Datasheet HTML 10Page - Renesas Technology Corp M65851FP Datasheet HTML 11Page - Renesas Technology Corp M65851FP Datasheet HTML 12Page - Renesas Technology Corp M65851FP Datasheet HTML 13Page - Renesas Technology Corp M65851FP Datasheet HTML 14Page - Renesas Technology Corp M65851FP Datasheet HTML 15Page - Renesas Technology Corp M65851FP Datasheet HTML 16Page - Renesas Technology Corp M65851FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
M65851FP
REJ03F0172-0201 Rev.2.01 Jan 25, 2008
Page 13 of 27
Equalizer Block
Following is the equalizer block, which can control the both gain bass and treble.
–
+
+
–
EQIN
R2
136 k
C1
0.022
μ
Bass resonance block
Treble block
(56)
(57)
(58)
71
70
69
(63)
64
C2
0.47
μ
R1
1.8 k
EQSW1
EQSW2
(59)
68
(62)
EQSW3
EQSW4
EQOUT
C3
0.033
μ
65
Bass block is resonance type which is used simulated inductor amplifier. Treble block is filter type. These can be set
–12 dB to +12 dB/2 dB step.
Following is a center frequency “fO”, “Q” (bass resonance block).
fO =
(Hz)
1
2
π C1 • C2 • R1 • R2
Q = (C1
• R2) / (C2 • R1)
Vocal Cut Block
The sound components of the same phase and same sound volume in the L and R channels are attenuated.
This made also allows components with lower frequency than the vocal band to pass through the filter, to compensate
insufficient low-frequency sound.
Constitution
Lch input
+
–
Vocal cut
output
20 k
–
+
20 k
20 k
Rch input
20 k
20 k
20 k
R
20 k 76
C
0.15
μ
LPF is formed by the internal R (20 k
Ω) and the external C, when C = 0.15 μF, cut off frequency is 53 Hz.
fVC =
= 53.0 Hz
1
2
π CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com