Electronic Components Datasheet Search
  English  ▼

X  

M66013FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M66013FP
Description  8-bit I/O Expander with Address
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66013FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M66013FP Datasheet HTML 1Page - Renesas Technology Corp M66013FP Datasheet HTML 2Page - Renesas Technology Corp M66013FP Datasheet HTML 3Page - Renesas Technology Corp M66013FP Datasheet HTML 4Page - Renesas Technology Corp M66013FP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M66013FP
REJ03F0266-0200 Rev.2.00 Mar 18, 2008
Page 3 of 4
Basic Protocol for Sending and Receiving Data
The following diagram shows the basic protocol for sending and receiving data between the microcomputer and the
M66013.
Falling of
EN from "H" to "L" starts a series of sequence and rising of EN from "L" to "H" terminates the sequence.
The concrete operation sequence is as follows:
(1) At a falling edge of
EN, 8-bit parallel data of I/O pins D0 to D7 are loaded into the shift register for serial output.
(2) At a rising edge of CLK, DI pin input data is read into the shift register for serial input and the counter for CLK
counts up.
(3) When all address bits are read, a received address is compared with an address set in the address set pin to start the
specified operation only when these addresses matches each other. The DO pin is kept in a high impedance status
until the address comparison is complete.
When these addresses do not match, the DO pin keeps the high impedance status until the next sequence.
(4) When the addresses match each other, the operation for reading serial data from the DI pin and the operation for
output serial data from the D0 pin in synchronization with a falling edge of CLK is carried out.
(5) When 16-bit data has been completely sent or received, the following operations are carried out in synchronization
with a rising edge of
EN.
(a) The DO output pin is placed in a high impedance status.
(b) When the CLK counter does not count 16 CLK rising edges, operation (c) below is skipped and the counter is
reset to wait for the next access.
(c) When the counter value is 16, operation for writing to the data register for parallel output, operation for output to
the I/O port or operation for setting/resetting the data setting flag is carried out, and the counter is then reset to
wait for the next address.
In the
normal mode
Arbitrary
ACK
1T
X
XX
A3
A2
A1
A0
C2
C1
C0
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
A2
A1
A0
C1
C0
A2
A1
A0
C1
C2
C0
2T
3T
4T
5T
6T
7T
8T
9T
10T
11T
12T
13T
14T
15T
16T
1T
2T
3T
4T
5T
6T
7T
8T
9T
10T
11T
12T
13T
14T
15T
16T
Address bit
Command bit
Acknowledge bit
"Z" (High impedance status)
"Z"
Data bit
Data bit
"Z"
"Z"
EN
CLK
DI
DO
CLK
DI
DO
In the echo
back mode
Figure 1 Basic Protocol (The actual protocol differs depending on the command.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com