Electronic Components Datasheet Search
  English  ▼

X  

M66238FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M66238FP
Description  Standard Clock Generator with PLL Frequency Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66238FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M66238FP Datasheet HTML 1Page - Renesas Technology Corp M66238FP Datasheet HTML 2Page - Renesas Technology Corp M66238FP Datasheet HTML 3Page - Renesas Technology Corp M66238FP Datasheet HTML 4Page - Renesas Technology Corp M66238FP Datasheet HTML 5Page - Renesas Technology Corp M66238FP Datasheet HTML 6Page - Renesas Technology Corp M66238FP Datasheet HTML 7Page - Renesas Technology Corp M66238FP Datasheet HTML 8Page - Renesas Technology Corp M66238FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
M66238FP
REJ03F0268-0200 Rev.2.00 Mar 18, 2008
Page 3 of 14
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
Vcc
–0.5 to +7.0
V
Input voltage
Vi
–0.5 to Vcc + 0.5
V
Output voltage
Vo
–0.5 to Vcc + 0.5
V
Power dissipation*
1
Pd
650
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
1. When board is mounted
All voltages adopt the GND pin of the circuit as the base (0 V) and absolute values are displayed for maximum
and minimum values.
Recommended Operating Conditions
(Ta = 0 to 70
°C)
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
4.75
5
5.25
V
Supply voltage
GND
—
0
—
V
Input voltage
Vi
0
—
Vcc
V
Output voltage
Vo
0
—
Vcc
V
Operating ambient temperature
Topr
0
—
70
°C
Note:
The direction of current flowing into a circuit is defined to be positive (no sign) and the direction of current flowing
out is defined to be negative (–sign).
Absolute values are displayed for maximum and minimum values.
Electrical Characteristics
(Ta = 0 to 70
°C, Vcc = 5 V ± 5%, GND = 0 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
High-level input voltage
VIH
2
—
—
V
Low-level input voltage
VIL
—
—
0.8
V
TR
High-level input voltage
VIH
0.8
× Vcc
—
—
V
Low-level input voltage
VIL
—
—
0.2
× Vcc
V
XIN
High-level output voltage
VOH
Vcc – 0.8
—
—
V
GND = 0 V, IOH = –4 mA
Low-level output voltage
VOL
—
—
0.55
V
GND = 0 V, IOL = 4 mA
Supply current
(at time of standstill)
Icc (s)
—
—
50
µA
GND = 0 V, VI = Vcc or GND
Supply current
(at time of operation)
Icc (a)
—
—
120
mA
GND = 0 V, CKO = 50 MHz
VI = Vcc or GND
High-level input current
IIH
—
—
10
µA
GND = 0 V, VI = Vcc
Low-level input current
IIL
—
—
–10
µA
GND = 0 V, VI = 0 V
Input capacitance
CI
—
—
10
pF
Note:
Measurement circuit; The direction of current flowing to the circuit is specified to be positive (no sign).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com