Electronic Components Datasheet Search
  English  ▼

X  

RKP413KS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKP413KS
Description  Composite Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP413KS Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKP413KS Datasheet HTML 1Page - Renesas Technology Corp RKP413KS Datasheet HTML 2Page - Renesas Technology Corp RKP413KS Datasheet HTML 3Page - Renesas Technology Corp RKP413KS Datasheet HTML 4Page - Renesas Technology Corp RKP413KS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKP413KS
REJ03G1613-0100 Rev.1.00 Jan 10, 2008
Page 3 of 4
Main Characteristics
10
1.0
0.1
1.0
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
0.1
10−
12
10−
11
10−
10
10−
9
10−
8
10−
14
10−
13
10−
10
10−
8
10−
6
10−
4
10−
2
10−
12
Fig.4 Forward resistance vs. Forward current
Forward current IF
(mA)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
010
30
20
0.1
1.0
10
10
0.1
1.0
100
f = 100MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com