Electronic Components Datasheet Search
  English  ▼

X  

STTA3006CW Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTA3006CW
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA3006CW Datasheet(HTML) 8 Page - STMicroelectronics

  STTA3006CW Datasheet HTML 1Page - STMicroelectronics STTA3006CW Datasheet HTML 2Page - STMicroelectronics STTA3006CW Datasheet HTML 3Page - STMicroelectronics STTA3006CW Datasheet HTML 4Page - STMicroelectronics STTA3006CW Datasheet HTML 5Page - STMicroelectronics STTA3006CW Datasheet HTML 6Page - STMicroelectronics STTA3006CW Datasheet HTML 7Page - STMicroelectronics STTA3006CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Cooling method : by conduction (C).
Recommended torque value : 0.8 m.N
Maximum torque value : 1 m.N
PACKAGE DATA
SOT93 Plastic
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max.
Min.
Typ.
Max.
A
4.70
4.90 1.185
0.193
C
1.90
2.10 0.075
0.083
D
2.50
0.098
D1
2.00
0.078
E
0.50
0.78 0.020
0.031
F
1.10
1.30 0.043
0.051
F3
1.75
0.069
F4
2.10
0.083
G
10.80
11.10 0.425
0.437
H
14.70
15.20 0.279
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0
0.709
L5
3.95
4.15 0.156
0.163
L6
31.00
1.220
O
4.00
4.10 0.157
0.161
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTA3006CW
STTA3006CW
TO247
4.36g
30
Tube
STTA3006CP
STTA3006CP
SOT93
3.97g
30
Tube
Epoxy meets UL94,V0
STTA3006CW/CP
8/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com