Electronic Components Datasheet Search
  English  ▼

X  

M66335FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66335FP
Description  Facsimile Image Data Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66335FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66335FP Datasheet HTML 9Page - Renesas Technology Corp M66335FP Datasheet HTML 10Page - Renesas Technology Corp M66335FP Datasheet HTML 11Page - Renesas Technology Corp M66335FP Datasheet HTML 12Page - Renesas Technology Corp M66335FP Datasheet HTML 13Page - Renesas Technology Corp M66335FP Datasheet HTML 14Page - Renesas Technology Corp M66335FP Datasheet HTML 15Page - Renesas Technology Corp M66335FP Datasheet HTML 16Page - Renesas Technology Corp M66335FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
M66335FP
REJ03F0276-0200 Rev.2.00 Jun 16, 2008
Page 13 of 58
ACCK
SH
<SRDYB>
(SSCAN)
INT
DRQ
DAKB
RDB
(Counter reset)
(DMAFIN)
PTIMB
<INTCLR>
1. SRDYB: L is taken in with a
↑ flow of SH, when scanning is started and PTIMB is output. (SSCAN: H)
2. SRDYB: H is taken in with a
↑ flow of ACCK, when the reading of one line ends. (SSCAN: L)
3. The internal counter reset signal is generated with a
↓ flow of SSCAN, and DRQ is asserted with a ↑ flow of SSCAN.
4. After the internal counter is reset, DMA transfer is started. (The internal counter is counted up by one each time a
pixel is transferred.)
5. When the value of the internal counter reaches the output pixel number, DMAFIN shifts to H, and DRQ is negated
with a
↑ flow form DMAFIN and INT is asserted with a ↓ flow of DMAFIN.
6. When CPU is ready for reading the next line, INTCLR is generated and INT is negated, and then SRDYB is set L.
1
3
4
2
5
6
: Output section
<SRDYB>, <INTCLR> : Register setting
(SSCAN), (DMAFIN), (counter reset) : Internal signal
Figure 3 DMA Interface Operations and the Reading Sequence (Multivated Data Output)
Table 2 Gate Signal Ranges for the Sensor Widths
Sensor Width
Gate Signal
Resolution
B4
A4
200 dpi
2103/55
1943/215
Uniformity correction range (UNIFG)
400 dpi
4207/111
3887/431
200 dpi
2103/55
1943/215
AGC mode
400 dpi
4207/111
3887/431
200 dpi
2018/130
1584/564
AGC range (AGCG)
SCAN mode
400 dpi
4037/261
3169/1129
Table 3 Original Sheet Reading Widths According to the Original Sheet Widths for the Sensor Widths
Sensor Width
Original Sheet Width
Resolution
B4
A4
200 dpi
2102/54
B4
400 dpi
4206/110
—
200 dpi
2102/54
1942/214
A4
400 dpi
4206/110
3886/430
When original sheets narrower than the sensor width, cut out the original sheet width with the registers 11 to 14.
(OFFSET, OUTLENGTH): (Region designation function)
X/Y
X: Left end address
Y: Right end address
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com