Electronic Components Datasheet Search
  English  ▼

X  

M62353FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62353FP
Description  8-bit 8ch D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62353FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62353FP Datasheet HTML 1Page - Renesas Technology Corp M62353FP Datasheet HTML 2Page - Renesas Technology Corp M62353FP Datasheet HTML 3Page - Renesas Technology Corp M62353FP Datasheet HTML 4Page - Renesas Technology Corp M62353FP Datasheet HTML 5Page - Renesas Technology Corp M62353FP Datasheet HTML 6Page - Renesas Technology Corp M62353FP Datasheet HTML 7Page - Renesas Technology Corp M62353FP Datasheet HTML 8Page - Renesas Technology Corp M62353FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M62353P/FP/GP
REJ03D0870-0300 Rev.3.00 Mar 25, 2008
Page 3 of 9
Block Diagram for Explanation of Terminals
8-bit latch
8-bit latch
.....
...............................
...............................
.........................................
.....
(8)
8
1
DI
VCC
GND
VDD
(VrefU)
Address decoder
AO1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
12-bit shift register
CLK
LD
A1
D0
D7
D0
D7
DO
15
11
16
8
9
14
12
13
AO8
A8
10
12 34 567 8
VSS
(VrefL)
1
(8)
8-bit R-2R
+ segment
D/A converter
8-bit R-2R
+ segment
D/A converter
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
–0.3 to +7.0
V
D/A converter upper reference voltage
VDD
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VCC + 0.3
V
Output voltage
VO
–0.3 to VCC + 0.3
V
Power dissipation
Pd
450 (P) / 300 (FP) / 150 (GP)
mV
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com