Electronic Components Datasheet Search
  English  ▼

X  

M62393P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62393P
Description  8-bit 8ch I2C BUS D/A Converter with Buffer Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62393P Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62393P Datasheet HTML 1Page - Renesas Technology Corp M62393P Datasheet HTML 2Page - Renesas Technology Corp M62393P Datasheet HTML 3Page - Renesas Technology Corp M62393P Datasheet HTML 4Page - Renesas Technology Corp M62393P Datasheet HTML 5Page - Renesas Technology Corp M62393P Datasheet HTML 6Page - Renesas Technology Corp M62393P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M62393P/FP
REJ03D0884-0300 Rev.3.00 Mar 25, 2008
Page 3 of 6
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
–0.3 to +7.0
V
Supply voltage
VDD
–0.3 to +7.0
V
D/A converter high level reference voltage
VrefU1, 2
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Power dissipation
Pd
990 (P) / 590 (FP)
mW
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
<Digital Part>
(VCC, VDD, VrefU1, 2 = +5 V ± 10%, VCC ≥ VrefU1, 2, GND = VrefL = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VDD
4.5
5.0
5.5
V
Supply current
IDD
—
—
1.0
mA
CLK = 1 MHz operation,
IAO = 0 µA
Output low voltage (SDA)
VOL
—
—
0.4
V
Isink = 3 mA
Input leak current
IILK
–10
—
10
µA
VIN = 0 to VCC
Input low voltage
VIL
—
—
0.2 VCC
V
Input high voltage
VIH
0.8 VCC
—
—
V
<Analog Part>
(VCC, VDD, VrefU1, 2 = +5 V ± 10%, VCC ≥ VrefU1, 2, GND = VrefL = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VCC
4.5
5.0
5.5
V
Supply current
ICC
—
1.6
3.2
mA
CLK = 1 MHz operation, IAO = 0 µA
D/A converter high level
reference voltage input
current
IrefU
—
1.0
2.0
mA
VrefU = 5 V, VrefL = 0 V
Data condition: at maximum current
D/A converter high level
reference voltage range
VrefU
3.5
—
VCC
V
D/A converter low level
reference voltage range
VrefL
GND
—
VCC – 3.5
V
The output dose not necessarily be
the values within the reference
voltage setting range.
0.1
—
VCC – 0.1
V
IAO = ±100 µA
Buffer amplifier output
voltage range
VAO
0.2
—
VCC – 0.2
V
IAO = ±500 µA
Buffer amplifier output
current range
IAO
–1.0
—
1.0
mA
Upper side saturation voltage = 0.3 V
Lower side saturation voltage = 0.2 V
Differential nonlinearity
SDL
–1.0
—
1.0
LSB
Nonlinearity
SL
–1.5
—
1.5
LSB
Zero code error
SZERO
–2.0
—
2.0
LSB
Full scale error
SFULL
–2.0
—
2.0
LSB
VrefU = 4.79 V
VrefL = 0.95 V
VCC = 5.5 V (15 mV/LSB)
Without load (IAO = 0)
Output capacitive load
CO
—
—
0.1
µF
Buffer amplifier output
impedance
RO
—
5.0
—
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com