Electronic Components Datasheet Search
  English  ▼

X  

M62446AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62446AFP
Description  6ch Electronic Volume with Tone Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62446AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62446AFP Datasheet HTML 1Page - Renesas Technology Corp M62446AFP Datasheet HTML 2Page - Renesas Technology Corp M62446AFP Datasheet HTML 3Page - Renesas Technology Corp M62446AFP Datasheet HTML 4Page - Renesas Technology Corp M62446AFP Datasheet HTML 5Page - Renesas Technology Corp M62446AFP Datasheet HTML 6Page - Renesas Technology Corp M62446AFP Datasheet HTML 7Page - Renesas Technology Corp M62446AFP Datasheet HTML 8Page - Renesas Technology Corp M62446AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
M62446AFP
REJ03F0212-0201 Rev.2.01 Mar 31, 2008
Page 5 of 18
Pin No.
Symbol
Function
Circuit
30
AVSS
Analog negative power
supply
–7 V
37
AGND
Analog GND
38
DGND
Digital GND
39
LATCH
Latch INPUT
40
DATA
Data INPUT
41
CLK
Clock INPUT forward data
39,40,41
S
INPUT: schmitt trigger type
42
DVDD
Digital power supply
+5 V
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
16
AVDD – AVSS
Supply voltage
Vsupply
7
V
DVDD – DGND
Power dissipation
Pd
1000
mW
Ta
≤ 25 °C
Thermal derating
K
θ
10
mW/
°C
Ta > 25
°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
25
0
50
75
100
125
150
1.5
1.0
0.5
0
Ambient Tenperature Ta (
°C)
Thermal Derating (Maximum Rating)
(with the standard board)
*Standard board
• board size 70 mm × 70 mm
• board thickness 1.6 mm
• board material glass epoxy
• copper pattern
copper thickness 18
µm
copper size 0.25 mm (wide) 30 mm (length/lead)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com