Electronic Components Datasheet Search
  English  ▼

X  

RJK0366DSP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0366DSP
Description  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0366DSP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0366DSP Datasheet HTML 1Page - Renesas Technology Corp RJK0366DSP Datasheet HTML 2Page - Renesas Technology Corp RJK0366DSP Datasheet HTML 3Page - Renesas Technology Corp RJK0366DSP Datasheet HTML 4Page - Renesas Technology Corp RJK0366DSP Datasheet HTML 5Page - Renesas Technology Corp RJK0366DSP Datasheet HTML 6Page - Renesas Technology Corp RJK0366DSP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0366DSP
REJ03G1657-0301 Rev.3.01 Apr 24, 2008
Page 3 of 6
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current
ID
(A)
Static Drain to Source on State Resistance
vs. Drain Current
20
16
12
8
4
0
2
468
10
20
16
12
8
4
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
VGS = 2.6 V
Pulse Test
10
3
1
30
300
1
10
100
1000
3
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 10 A
5 A
100
30
VGS = 4.5 V
10 V
2.8 V
3.0 V
10 V
3.2 V
4.5 V
Pulse Test
2 A
Ambient Temperature Ta (°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW
≤ 10 s
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Note 5 : When using the glass epoxy board
(FR4 40x40x1.6 mm)
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Ta = 25 °C
1 shot Pulse
PW
= 10
ms
10
µs
100
µs
Operation in
this area is
limited by R
DS(on)
Note
5
DC
Operation
(PW
≤ 10
s)
1 ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com