Electronic Components Datasheet Search
  English  ▼

X  

HD74UH08 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74UH08
Description  2-input AND Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74UH08 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74UH08 Datasheet HTML 1Page - Renesas Technology Corp HD74UH08 Datasheet HTML 2Page - Renesas Technology Corp HD74UH08 Datasheet HTML 3Page - Renesas Technology Corp HD74UH08 Datasheet HTML 4Page - Renesas Technology Corp HD74UH08 Datasheet HTML 5Page - Renesas Technology Corp HD74UH08 Datasheet HTML 6Page - Renesas Technology Corp HD74UH08 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74UH08
Rev.5.00, Feb.02.2004, page 2 of 6
Pin Arrangement
(Top view)
5
4
VCC
1
2
3
IN B
IN A
GND
OUT X
Article Indication
Marking
H
2
A
Lot number
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC +0.5
V
Output voltage
VOUT
–0.5 to VCC +0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
Output current
IOUT
±25
mA
VCC/GND current
ICC, IGND
±25
mA
Power dissipation
PT
200
mW
Storage temperature
Tstg
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com