Electronic Components Datasheet Search
  English  ▼

X  

HD49335HNP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HD49335HNP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335HNP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HD49335HNP Datasheet HTML 22Page - Renesas Technology Corp HD49335HNP Datasheet HTML 23Page - Renesas Technology Corp HD49335HNP Datasheet HTML 24Page - Renesas Technology Corp HD49335HNP Datasheet HTML 25Page - Renesas Technology Corp HD49335HNP Datasheet HTML 26Page - Renesas Technology Corp HD49335HNP Datasheet HTML 27Page - Renesas Technology Corp HD49335HNP Datasheet HTML 28Page - Renesas Technology Corp HD49335HNP Datasheet HTML 29Page - Renesas Technology Corp HD49335HNP Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 28 of 29
• CDS single operating mode
Pin 56(Test2 = Low)
∗Pin 57 is "Don't care" in this mode.
Serial data when CDS single operation mode are following resister specifications.
(Latch timing specification is same as normal mode)
31
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
33
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
16
24 23 22 21 20 19 18 17
25
26
27
28
29
30
32
50
57 58 59 60 61 62 63 64
56
55
54
53
52
51
49
HD49335
1
µ
1
µ
0.1
47/6
47/6
1000p
100p
PBLK
OBP
CP_DM
ADCK
SP2
SP1
DVSS3
AVSS
ADC_in
BIAS
VRB
VRT
VRM
DVSS3
DVDD2
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DVSS1,2
Unit: R:
Ω
C: F
AVDD
SCK
0.1
47/6
0.1
0.1
0.1
0.1
3.0V
Reset(Normally Hi)
+
+
0.1
33k
∗Pin changes are not effective with pin61.
ADC_in
47
µ
47
µ
47
µ
tINT2
fsck
tsu
CS
SCK
tho
tINT1
SDATA
D00 D01 D02 D03 D04 D05 D06 D07 D08 D09 D10 D11 D12 D13 D14 D15
D00
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
1
0
0
0
0
0
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
1
0
0
0
0
0
0
1
0
1
1
0
1
1
1
0
0
0
1
0
1
1
1
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
1
0
1
0
0
0
0
0
D01
Low
Low
Low
High
Low
Low
Low
High
Low
X
High
High
Low
Low
Low
High
High
Low
High
Low
High
High
High
High
High
Resister 4
Resister 3
Resister 0
Resister 1
Resister 7
Resister 5
Resister 6
Resister 2
D02
Test_I1 (0)
D03
D04
D05
D06
D07
D08
D09
D10
D11
D12
D13
D14
D15 Test_I1 (2)
Test_I1 (1)
PGA(0) LSB
X
SLP
Reset
ADSEL
Low:CDSin
High:ADin
LoPwr
STBY
PGA(1)
X
PGA(2)
PGA(3)
PGA(4)
PGA(5)
PGA(6)
PGA(7) MSB
SHSW-fsel(3)
Test_I2 (1)
Test_I2 (0)
Output mode(LINV)
Output mode(MINV)
Output mode(Test0)
SHA-fsel(0)
SHA-fsel(1)
SHSW-fsel(0)
SHSW-fsel(1)
SHSW-fsel(2)
MON(0)
MON(1)
Gray_ts(0)
Gray_ts(2)
Gray_ts(1)
MON(2)
H12Baff(0)
H12Baff(1)
H12Baff(2)
H12Baff(3)
VD latch
Gray1
Gray2
P_SP1(0)
P_SP1(1)
DLL_CK(2)
DLL_current
DLL_CK(3)
P_SP2(0)
P_SP2(1)
P_ADCLK(0)
P_ADCLK(1)
P_RG(0)
P_RG(1)
DLL_CK(0)
DLL_CK(1)
DL_SP1(0)
DL_SP1(1)
DL_ADCLK(2)
CDS_test
DL_ADCLK(3)
DL_SP1(2)
DL_SP1(3)
DL_SP2(0)
DL_SP2(1)
DL_SP2(2)
DL_SP2(3)
DL_ADCLK(0)
DL_ADCLK(1)
DL_RG_r(0)
DL_RG_r(1)
Dummy CP(0)
Dummy CP(2)
Dummy CP(1)
DL_RG_r(2)
DL_RG_r(3)
DL_RG_f(0)
DL_RG_f(1)
DL_RG_f(2)
DL_RG_f(3)
DMCG(0)
DMCG(1)
Clamp(0)
Clamp(1)
Clamp(2)
Clamp(3)
Clamp(4)
HGstop-Hsel(0)
HGstop-Hsel(1)
HGain-Nsel(0)
HGain-Nsel(1)
test
CCD signal input
Serial data input
to
Camera
signal
processor
Low: Normal
High: Sleep
Low: Normal
High: Standby
Low: Normal
High: Low power
Low: Reset
High: Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com