Electronic Components Datasheet Search
  English  ▼

X  

HD404019RH Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD404019RH
Description  CMOS 4-bit single-chip microcomputers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404019RH Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD404019RH Datasheet HTML 9Page - Renesas Technology Corp HD404019RH Datasheet HTML 10Page - Renesas Technology Corp HD404019RH Datasheet HTML 11Page - Renesas Technology Corp HD404019RH Datasheet HTML 12Page - Renesas Technology Corp HD404019RH Datasheet HTML 13Page - Renesas Technology Corp HD404019RH Datasheet HTML 14Page - Renesas Technology Corp HD404019RH Datasheet HTML 15Page - Renesas Technology Corp HD404019RH Datasheet HTML 16Page - Renesas Technology Corp HD404019RH Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
HD404019R Series
11
Functional Description
Registers and Flags
The MCU has nine registers and two flags for the CPU operations (figure 5).
CA
Carry flag
ST
Status flag
PC
Program counter
0
13
Stack pointer
0
1
1
1
5
9
SP
SPY
SPY register
0
3
SPX
SPX register
0
3
Y
Y register
0
3
X
X register
0
3
B
B register
0
3
A
Accumulator
0
3
W
W register
0
1
1
0
0
Figure 5 Registers and Flags
Accumulator (A), B Register (B): The 4-bit accumulator and B register hold the results from the
arithmetic logic unit (ALU), and transfer data to/from memory, I/O, and other registers.
W Register (W), X Register (X), Y Register (Y): The 2-bit W register, and the 4-bit X and Y registers
indirectly address RAM. The Y register is also used for D-port addressing.
SPX Register (SPX), SPY Register (SPY): The 4-bit registers SPX and SPY assist the X and Y registers,
respectively.
Carry Flag (CA): The carry flag (CA) stores the overflow from the ALU generated by an arithmetic
operation. It is also affected by the SEC, REC, ROTL, and ROTR instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com