| Electronic Components Datasheet Search |
|
HD404094 Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404094 Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 103 page ![]() HD404054 Series/HD404094 Series Rev. 6.0 Sept. 1998 Description The HD404054 Series and HD404094 Series are HMCS400-series microcomputers designed to increase program productivity with large-capacity memory. Each microcomputer has three timers, one serial interface, comparator, input capture circuit. The HD404054 Series includes three chips: the HD404052 with 2-kword ROM; the HD404054 with 4- kword ROM; and the HD4074054 with 4-kword PROM (ZTAT ™ version). Also, the HD404094 Series includes three chips: the HD404092 with 2-kword ROM; the HD404094 with 4-kword ROM; and the HD4074094 with 4-kword PROM (ZTAT ™ version). The HD4074054 and HD4074094 are PROM version (ZTAT ™ microcomputers). Program can be written to the PROM by a PROM writer, which can dramatically shorten system development periods and smooth the process from debugging to mass production. (The ZTAT ™version is 27256-compatible.) Features • The differences between HD404054 Series and HD404094 Series HD404054 Series HD404094 Series I/O pins 10 large-current output pins: Six 15-mA sinks and four 10-mA sources • 6 largecurrent output pins: Two 15-mA sinks and four 10-mA sources • 4 intermediate voltage output pins • 27 I/O pins and 8 dedicated input pins • Three timer/counters • Eight-bit input capture circuit • Two timer outputs (including two PWM outputs) • One event counter inputs (including one double-edge function) • One clock-synchronous 8-bit serial interface • Comparator (2 channels) • Built-in oscillators Main clock: Ceramic or crystal oscillator (an external clock is also possible) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |