Electronic Components Datasheet Search
  English  ▼

X  

HD404339 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD404339
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD404339 Datasheet HTML 28Page - Renesas Technology Corp HD404339 Datasheet HTML 29Page - Renesas Technology Corp HD404339 Datasheet HTML 30Page - Renesas Technology Corp HD404339 Datasheet HTML 31Page - Renesas Technology Corp HD404339 Datasheet HTML 32Page - Renesas Technology Corp HD404339 Datasheet HTML 33Page - Renesas Technology Corp HD404339 Datasheet HTML 34Page - Renesas Technology Corp HD404339 Datasheet HTML 35Page - Renesas Technology Corp HD404339 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
HD404339 Series
30
I/O Ports
The MCU has 53 input/output pins (D
0–D13, R00–R93) and one input-only pin (RA1).
• The 30 pins consisting of ports D
0–D13, R1, R2, R8, and R9 are all high-voltage I/O pins. RA1 is a high-
voltage input-only pin. The high-voltage pins can be equipped with or without pull-down resistance, as
selected by the mask option.
• All standard voltage output pins are CMOS output pins. However, the R0
2/SO pin can be programmed
for NMOS open-drain output.
• In stop mode, input/output pins go to the high-impedance state.
• All standard voltage input/output pins have pull-up MOS built in, which can be individually turned on
or off by software (Table 5).
Pull-up MOS on/off settings can be made independently of settings as on-chip supporting module pins.
Table 5
Control of Standard I/O Pins by Program
MIS3 (bit 3 of MIS)
0
1
DCR
01
01
PDR
0101
0101
CMOS buffer
PMOS
———On
———On
NMOS
—
—
On
—
—
—
On
—
Pull-up MOS
————
—On
—On
Note:
— indicates off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com