Electronic Components Datasheet Search
  English  ▼

X  

HD404358 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # HD404358
Description  microcomputer has an A/D converter,
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404358 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button HD404358 Datasheet HTML 58Page - Renesas Technology Corp HD404358 Datasheet HTML 59Page - Renesas Technology Corp HD404358 Datasheet HTML 60Page - Renesas Technology Corp HD404358 Datasheet HTML 61Page - Renesas Technology Corp HD404358 Datasheet HTML 62Page - Renesas Technology Corp HD404358 Datasheet HTML 63Page - Renesas Technology Corp HD404358 Datasheet HTML 64Page - Renesas Technology Corp HD404358 Datasheet HTML 65Page - Renesas Technology Corp HD404358 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
HD404358 Series
60
Port Mode Register A (PMRA: $004): Four-bit write-only register that selects D
3/BUZZ pin function as
shown in figure 44. It is reset to $0 by MCU reset.
Serial Interface
The serial interface serially transfers and receives 8-bit data, and includes the following features.
• Multiple transmit clock sources
 External clock
 Internal prescaler output clock
 System clock
• Output level control in idle states
Five registers, an octal counter, and a selector are also configured for the serial interface as follows.
Serial data register (SRL: $006, SRU: $007)
Serial mode register (SMR: $005)
Port mode register A (PMRA: $004)
Port mode register C (PMRC: $025)
Miscellaneous register (MIS: $00C)
Octal counter (OC)
Selector
The block diagram of the serial interface is shown in figure 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com