| Electronic Components Datasheet Search |
|
HD404374 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404374 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 161 page ![]() HD404374/HD404384/HD404389/HD404082/HD404084 Series Rev.5.00, Sep.11.2003, page 49 of 161 Watch mode is cleared by RESET input or an INT 0,timer A or WU0 interrupt request. For RESET input, refer to the section on stop mode. When watch mode is cleared by an INT 0, timer A or WU0 interrupt request, the mode transition depends on the value of the LSON bit: the MCU enters active mode if LSON = 0, and enters subactive mode if LSON = 1. In the case of a transition to active mode, interrupt request generation is delayed to secure the oscillation settling time: the delay is the tRC set time for the timer A interrupt, and, for the INT 0 interrupt or WU0 interrupt, Tx (T + tRC < Tx < 2T + tRC) if bit 1 and 0 (MIS1, MIS0) of the miscellaneous register are set to 00, or Tx (t RC < Tx < T + tRC) if MIS1 and MIS0 are set to 01 or 10 (figures 14 and 15). Other operations when the transition is made are the same as when watch mode is cleared (figure 12). Subactive mode ( Applies to HD404374 Series): In subactive mode, the OSC 1 and OSC2 oscillator circuits stop and the MCU operates on clocks generated by the X1 and X2 oscillator circuits. In this mode, functions other than the A/D converter operate, but since the operating clocks are slow, power consumption is the lowest after watch mode. A CPU instruction processing speed of 244 µs or 122 µs can be selected according to whether bit 2 (SSR2) of the system clock select register (SSR: $004) is set to 1 or cleared to 0. The value of the SSR2 bit should be changed (0 →1 or 1→0) only in active mode. If the value is changed in subactive mode, the MCU may operate incorrectly. Subactive mode is cleared by executing a STOP/SBY instruction. A transition is then made to either watch mode or active mode according to the value of the low speed on flag (LSON: $020,0) and the direct transfer on flag (DTON: $020,3). Subactive mode is a function option, and should be specified in the function option list. Interrupt frame ( Applies to HD404374 Series): In watch mode and subactive mode, ø CLK is supplied to the timer A, WU0, and INT0 acceptance circuits. Prescaler W and timer A operate as time bases, and generate interrupt frame timing. Either of two values can be selected for the interrupt frame period, T, by means of the miscellaneous register (MIS: $005) (figure 15). In watch mode and subactive mode, the timing for generation of timer A, INT 0 and WU0 interrupts is synchronized with the interrupt frame. Except for the case of an active mode transition, the interrupt strobe timing is used for interrupt request generation. Timer A generates overflow and interrupt requests at the interrupt strobe timing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |