Electronic Components Datasheet Search
  English  ▼

X  

HD404449 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # HD404449
Description  microcomputer has four timers, two serial interfaces, A/D converter,
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404449 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button HD404449 Datasheet HTML 58Page - Renesas Technology Corp HD404449 Datasheet HTML 59Page - Renesas Technology Corp HD404449 Datasheet HTML 60Page - Renesas Technology Corp HD404449 Datasheet HTML 61Page - Renesas Technology Corp HD404449 Datasheet HTML 62Page - Renesas Technology Corp HD404449 Datasheet HTML 63Page - Renesas Technology Corp HD404449 Datasheet HTML 64Page - Renesas Technology Corp HD404449 Datasheet HTML 65Page - Renesas Technology Corp HD404449 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 125 page
background image
HD404449 Series
60
Timer B Operations:
• Free-running/reload timer operation: The free-running/reload operation, input clock source, and
prescaler division ratio are selected by timer mode register B1 (TMB1: $009).
Timer B is initialized to the value set in timer write register B (TWBL: $00A, TWBU: $00B) by
software and incremented by one at each clock input. If an input clock is applied to timer B after it has
reached $FF, an overflow is generated. In this case, if the reload timer function is enabled, timer B is
initialized to its initial value set in timer write register B; if the free-running timer function is enabled,
the timer is initialized to $00 and then incremented again.
The overflow sets the timer B interrupt request flag (IFTB: $002, bit 0). IFTB is reset by software or
MCU reset. Refer to figure 3 and table 1 for details.
• External event counter operation: Timer B is used as an external event counter by selecting external
event input as the input clock source. In this case, pin R3
3/EVNB must be set to EVNB by port mode
register C (PMRC: $025).
Timer B is incremented by one at each falling edge of signals input to pin
EVNB. Other operations are
basically the same as the free-running/ reload timer operation.
• Timer output operation: The following three output modes can be selected for timer B by setting timer
mode register B2 (TMB2: $013).
 Toggle
 0 output
 1 output
By selecting the timer output mode, pin R3
0/TOB is set to TOB. The output from TOB is reset low by
MCU reset.
 Toggle output: When toggle output mode is selected, the output level is inverted if a clock is input
after timer B has reached $FF. By using this function and reload timer function, clock signals can
be output at a required frequency for the buzzer. The output waveform is shown in figure 43.
 0 output: When 0 output mode is selected, the output level is pulled low if a clock is input after
timer B has reached $FF. Note that this function must be used only when the output level is high.
 1 output: When 1 output mode is selected, the output level is set high if a clock is input after timer
B has reached $FF. Note that this function must be used only when the output level is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com