Electronic Components Datasheet Search
  English  ▼

X  

HD404448 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD404448
Description  microcomputer has four timers, two serial interfaces, A/D converter,
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404448 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD404448 Datasheet HTML 45Page - Renesas Technology Corp HD404448 Datasheet HTML 46Page - Renesas Technology Corp HD404448 Datasheet HTML 47Page - Renesas Technology Corp HD404448 Datasheet HTML 48Page - Renesas Technology Corp HD404448 Datasheet HTML 49Page - Renesas Technology Corp HD404448 Datasheet HTML 50Page - Renesas Technology Corp HD404448 Datasheet HTML 51Page - Renesas Technology Corp HD404448 Datasheet HTML 52Page - Renesas Technology Corp HD404448 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
HD404449 Series
47
Bit
Initial value
Read/Write
Bit name
3
0
W
DCD03,
2
0
W
DCD02,
0
0
W
DCD00,
1
0
W
DCD01,
DCD0, DCD1
Data control register
DCD13
DCD12
DCD10
DCD11
Bit
Initial value
Read/Write
Bit name
3
0
W
DCD23
2
0
W
DCD22
0
0
W
DCD20
1
0
W
DCD21
DCD2
(DCD0 to 2: $02C to $02E)
(DCR0 to C: $030 to $03C)
Bit
Initial value
Read/Write
Bit name
Correspondence between ports and DCD/DCR bits
0
1
DCD0
DCD1
DCD2
DCR0
DCR1
DCR2
DCR3
DCR4
DCR5
DCR6
DCR7
DCR8
DCR9
DCRA
DCRB
DCRC
Off (high-impedance)
On
3
0
W
DCR03–
2
0
W
DCR02–
0
0
W
DCR00–
1
0
W
DCR01–
DCRC3
DCRC2
DCRC0
DCRC1
DCR0 to DCRC
All Bits
CMOS Buffer On/Off Selection
Register Name
D3
D7
D11
R03
R13
R23
R33
R43
R53
R63
R73
R83
R93
RA3
RB3
RC3
Bit 3
D2
D6
D10
R02
R12
R22
R32
R42
R52
R62
R72
R82
R92
RA2
RB2
RC2
Bit 2
D1
D5
D9
R01
R11
R21
R31
R41
R51
R61
R71
R81
R91
RA1
RB1
RC1
Bit 1
D0
D4
D8
R00
R10
R20
R30
R40
R50
R60
R70
R80
R90
RA0
RB0
RC0
Bit 0
Figure 29 Data Control Registers (DCD, DCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com