Electronic Components Datasheet Search
  English  ▼

X  

HD404084 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HD404084
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404084 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HD404084 Datasheet HTML 15Page - Renesas Technology Corp HD404084 Datasheet HTML 16Page - Renesas Technology Corp HD404084 Datasheet HTML 17Page - Renesas Technology Corp HD404084 Datasheet HTML 18Page - Renesas Technology Corp HD404084 Datasheet HTML 19Page - Renesas Technology Corp HD404084 Datasheet HTML 20Page - Renesas Technology Corp HD404084 Datasheet HTML 21Page - Renesas Technology Corp HD404084 Datasheet HTML 22Page - Renesas Technology Corp HD404084 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 19 of 161
HD404082 and HD404084 Series
Pin Number
Item
Symbol
FP-30D
DP-28S Chip
I/O
Function
V
CC
2
2
2
—
Apply the power supply voltage to this pin.
Power
supply
GND
1
1
1
—
Connect to ground.
Test
TEST
11
11
9
Input
Not for use by the user application. Connect to GND
potential.
Reset
RESET
14
12
10
Input
Used to reset the MCU.
OSC
1
9
9
7
Input
Internal oscillator input/output pins. Connect a ceramic
resonator, crystal resonator, or external oscillator circuit.
Oscillation
OSC
2
10
10
8
Output When using CR oscillation, connect a resistor.
D
0–D9
21–30
19–28
17–26
I/O
I/O pins addressed bit by bit. D
0 to D3 are large-current
source pins (max. 10 mA), and D
4 to D9 are large-current
sink pins (max. 15 mA).
Port
R0
0, R10, R13,
R2
0, R21, R22,
R7
0–R73
15–20,
4–7
13–18,
4–7
11–16,
3–6
I/O
I/O pins, addressed in 4-bit units.
Interrupt
INT
0
21
19
17
Input
External interrupt input pin
Wakeup
WU
0
15
13
11
Input
Input pin used for transition from stop mode to active
mode.
SCK
19
17
15
I/O
Serial interface clock I/O pin
SI
20
18
16
Input
Serial interface receive data input pin
Serial
interface
SO
20
18
16
Output Serial interface transmit data output pin
TOB,TOC
17, 18
15, 16
13, 14
Output Timer output pins
Timer
EVNB
16
14
12
Input
Event count input pin
Other
NC
3, 8, 12,
13
3, 8
—
—
Connect to GND potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com