Electronic Components Datasheet Search
  English  ▼

X  

HD404336FS Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # HD404336FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404336FS Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button HD404336FS Datasheet HTML 49Page - Renesas Technology Corp HD404336FS Datasheet HTML 50Page - Renesas Technology Corp HD404336FS Datasheet HTML 51Page - Renesas Technology Corp HD404336FS Datasheet HTML 52Page - Renesas Technology Corp HD404336FS Datasheet HTML 53Page - Renesas Technology Corp HD404336FS Datasheet HTML 54Page - Renesas Technology Corp HD404336FS Datasheet HTML 55Page - Renesas Technology Corp HD404336FS Datasheet HTML 56Page - Renesas Technology Corp HD404336FS Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
HD404339 Series
51
Table 10
Serial Interface Operating Modes
SMR
PMRA
Bit 3
Bit 1
Bit 0
Operating Mode
1
0
0
Continuous clock output mode
1
Transmit mode
1
0
Receive mode
1
Transmit/receive mode
STS wait state
(Octal counter = 000,
transmit clock disabled)
Transmit clock wait state
(Octal counter = 000)
Transfer state
(Octal counter = 000)
MCU reset
SMR write
STS instruction
Transmit clock
8 transmit clocks or STS instruction (IFS
1)
←
SMR write (IFS
1)
←
External clock mode
STS wait state
(Octal counter = 000,
transmit clock disabled)
Transmit clock wait state
(Octal counter = 000)
Transfer state
(Octal counter = 000)
SMR write
STS instruction
Transmit clock
STS instruction (IFS
1)
←
8 transmit clocks or
Internal clock mode
Continuous clock output state
(PMRA 0, 1 = 00)
SMR write
Transmit clock
MCU reset
←
SMR write (IFS
1)
Figure 39 Serial Interface State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com