Electronic Components Datasheet Search
  English  ▼

X  

HD404612FS Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 50Page - Renesas Technology Corp HD404612FS Datasheet HTML 51Page - Renesas Technology Corp HD404612FS Datasheet HTML 52Page - Renesas Technology Corp HD404612FS Datasheet HTML 53Page - Renesas Technology Corp HD404612FS Datasheet HTML 54Page - Renesas Technology Corp HD404612FS Datasheet HTML 55Page - Renesas Technology Corp HD404612FS Datasheet HTML 56Page - Renesas Technology Corp HD404612FS Datasheet HTML 57Page - Renesas Technology Corp HD404612FS Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
HD404618 Series
52
A write signal input to the serial mode register discontinues the input of the transmit clock to the serial data
register and octal counter. Therefore, if a write is performed during data transmission, the octal counter is
reset to 000 to stop transmission, and at the same time, the serial interrupt request flag is set.
Write operations are valid from the second instruction execution cycle, so the STS instruction must be
executed after at least two cycles have been executed. The serial mode register is initialized to $0 by MCU
reset.
Table 25 Serial Mode Register
SMR
Bit 3
R0
0/ SCK Pin
0R0
0 port input/output pin
1
SCK input/output pin
SMR
Transmit Clock
Bit 2
Bit 1
Bit 0
R0
0/ SCK Pin
Clock Source
Prescaler
Division Ratio
System Clock
Division Ratio
00
0
SCK output
Prescaler
÷ 2048
÷ 4096
00
1
SCK output
Prescaler
÷ 512
÷ 1024
01
0
SCK output
Prescaler
÷ 128
÷ 256
01
1
SCK output
Prescaler
÷ 32
÷ 64
10
0
SCK output
Prescaler
÷ 8
÷ 16
10
1
SCK output
Prescaler
÷ 2
÷ 4
11
0
SCK output
System clock
—
÷ 1
11
1
SCK input
External clock
—
—
PMRA3 PMRA2 PMRA1
PMRA: $004
SMR3
SMR2
SMR1
SMR0
SMR: $005
R0 /SO pin mode selection
Transmit clock selection
R0 /
SCK pin mode selection
0
R0 /SI pin mode selection
2
1
PMRA0
Figure 31 Configurations and Functions of the Mode Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com