Electronic Components Datasheet Search
  English  ▼

X  

HD404372FT Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD404372FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404372FT Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD404372FT Datasheet HTML 5Page - Renesas Technology Corp HD404372FT Datasheet HTML 6Page - Renesas Technology Corp HD404372FT Datasheet HTML 7Page - Renesas Technology Corp HD404372FT Datasheet HTML 8Page - Renesas Technology Corp HD404372FT Datasheet HTML 9Page - Renesas Technology Corp HD404372FT Datasheet HTML 10Page - Renesas Technology Corp HD404372FT Datasheet HTML 11Page - Renesas Technology Corp HD404372FT Datasheet HTML 12Page - Renesas Technology Corp HD404372FT Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 9 of 161
Product Name
HD404372,
HD40A4372,
HD40C4372
HD404374,
HD40A4374,
HD40C4374,
HD407A4374,
HD407C4374
HD404382,
HD40A4382,
HD40C4382
HD404384,
HD40A4384,
HD40C4384,
HD407A4384,
HD407C4384
HD404388,
HD40A4388,
HD40C4388
0.47 ms (f
OSC = 8.5 MHz) : HD40A4372, HD40A4374, HD407A4374, HD40A4382,
HD40A4384, HD407A4384, HD40A4388, HD40A4389, HD407A4389, HD40A4081,
HD40A4082, HD40A4084
0.89 ms (f
OSC = 4.5 MHz) : HD404372, HD404374, HD404382, HD404384,
HD404388, HD404389, HD404081, HD404082, HCD404082, HD404084,
HCD404084
Minimum instruction execution
time
1.14 ms (f
OSC = 3.5 MHz) : HD40C4372, HD40C4374, HD407C4374, HD40C4382,
HD40C4384, HD407C4384, HD40C4388, HD40C4389, HD407C4389, HD40C4081,
HD40C4082, HCD40C4082, HD40C4084, HCD40C4084
Operating
voltage (V)
1.8 to 5.5 V : Mask ROM, 2.0 to 5.5 V : ZTATTM
FP-30D
Available
DP-28S
—
Available
—
Package
FP-48B
Available
—
Chip
—
Guaranteed operation
temperature(°C)
–20 to +75: Mask ROM
–40 to +85: ZTAT
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com