Electronic Components Datasheet Search
  English  ▼

X  

RJK6002DPD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK6002DPD
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6002DPD Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK6002DPD Datasheet HTML 1Page - Renesas Technology Corp RJK6002DPD Datasheet HTML 2Page - Renesas Technology Corp RJK6002DPD Datasheet HTML 3Page - Renesas Technology Corp RJK6002DPD Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.1.00 Nov 09, 2006 page 1 of 3
RJK6002DPD
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1483-0100
Rev.1.00
Nov 09, 2006
Features
• Low on-resistance
• Low leakage current
• High speed switching
Outline
RENESAS Package code: PRSS0004ZA-A
(Package name : MP-3A)
1
1
1. Gate
2. Drain
3. Source
4. Drain
3
3
2, 4
2
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
2
A
Drain peak current
ID (pulse)
Note1
4
A
Body-drain diode reverse drain current
IDR
2
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
4
A
Avalanche current
IAP
Note3
1
A
Avalanche energy
EAR
Note3
0.05
mJ
Channel dissipation
Pch
Note2
30
W
Channel to case thermal impedance
θch-c
4.17
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C


Similar Part No. - RJK6002DPD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJK6002DPD VBSEMI-RJK6002DPD Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RJK6002DPD DOINGTER-RJK6002DPD Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
RJK6002DPD ISC-RJK6002DPD Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJK6002DPD RENESAS-RJK6002DPD_15 Datasheet
113Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK6002DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com