Electronic Components Datasheet Search
  English  ▼

X  

HVL381CM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVL381CM
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL381CM Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVL381CM Datasheet HTML 1Page - Renesas Technology Corp HVL381CM Datasheet HTML 2Page - Renesas Technology Corp HVL381CM Datasheet HTML 3Page - Renesas Technology Corp HVL381CM Datasheet HTML 4Page - Renesas Technology Corp HVL381CM Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVL381CM
Rev.3.00 Mar 14, 2006 page 3 of 4
Main Characteristic
Fig.1 Reverse current vs. Reverse voltage
Fig.3 Series resistance vs. Reverse voltage
Fig.2 Capacitance vs. Reverse voltage
016
20
10−
6
10−
8
10−
10
48
12
10−
13
10−
12
10−
11
10−
7
10−
9
Reverse voltage VR (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
0.1
1.0
100
10
1.0
10
0.1
1.0
10
f = 1MHz
0.6
0.2
0
0.1
0.3
0.4
0.5
f = 470MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com