Electronic Components Datasheet Search
  English  ▼

X  

HVL385CM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HVL385CM
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL385CM Datasheet(HTML) 4 Page - Renesas Technology Corp

  HVL385CM Datasheet HTML 1Page - Renesas Technology Corp HVL385CM Datasheet HTML 2Page - Renesas Technology Corp HVL385CM Datasheet HTML 3Page - Renesas Technology Corp HVL385CM Datasheet HTML 4Page - Renesas Technology Corp HVL385CM Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HVL385CM
Rev.3.00 Mar 15, 2006 page 4 of 4
Package Dimensions
b
D
E
HE
c
A
e1
φb
Pattern of terminal position areas
-
-
0.40
A
0.25
0.30
0.35
b
0.08
0.13
0.18
0.55
0.60
0.65
c
0.75
0.80
0.90
0.95
1.00
1.05
-
0.40
-
-
1.00
-
D
E
HE
φb
e1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
0.0006g
MASS[Typ.]
TEFP / TEFPV
PUSF0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TEFP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com